Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMIF03-SIM02F2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # EMIF03-SIM02F2
Description  3-line IPAD, EMI filter including ESD protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF03-SIM02F2 Datasheet(HTML) 1 Page - STMicroelectronics

  EMIF03-SIM02F2_08 Datasheet HTML 1Page - STMicroelectronics EMIF03-SIM02F2_08 Datasheet HTML 2Page - STMicroelectronics EMIF03-SIM02F2_08 Datasheet HTML 3Page - STMicroelectronics EMIF03-SIM02F2_08 Datasheet HTML 4Page - STMicroelectronics EMIF03-SIM02F2_08 Datasheet HTML 5Page - STMicroelectronics EMIF03-SIM02F2_08 Datasheet HTML 6Page - STMicroelectronics EMIF03-SIM02F2_08 Datasheet HTML 7Page - STMicroelectronics EMIF03-SIM02F2_08 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
April 2008
Rev 6
1/8
8
EMIF03-SIM02F2
3-line IPAD™, EMI filter including ESD protection
Features
■ EMI symmetrical (I/O) low-pass filter
■ High efficiency in EMI filtering
■ Lead-free package
■ Very low PCB space consuming:
1.42 mm x 1.42 mm
■ Very thin package: 0.65 mm
■ High efficiency in ESD suppression
■ High reliability offered by monolithic integration
■ High reduction of parasitic elements through
integration and wafer level packaging
Complies with the following standards
■ IEC 61000-4-2, Level 4 on external and Vcc
pins:
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ IEC 61000-4-2, Level 1 on internal pins:
– 2 kV (air discharge)
– 2 kV (contact discharge)
■ MIL STD 883E - Method 3015-6 Class 3
Applications
EMI filtering and ESD protection for:
■ SIM Interface (Subscriber Identify Module)
■ UIM Interface (Universal Identify Module)
Description
The EMIF03-SIM02F2 is a highly integrated
device designed to suppress EMI/RFI noise in all
systems subjected to electromagnetic
interference.The EMIF03 Flip Chip packaging
means the package size is equal to the die size.
This filter includes an ESD protection circuitry
which prevents damage to the application when
subjected to ESD surges up 15kV.
Figure 1.
Pin configuration (bump side)
Figure 2.
Configuration
TM: IPAD is a trademark of STMicroelectronics.
Flip Chip
(8 bumps)
B
C
1
2
3
A
RST
in
RST
ext
CLK
in
Data
in
Gnd
VCC
CLK
ext
Data
ext
47
Ω
CLK in
Data in
CLK ext
Data ext
100
Ω
R1
R2
R3
RST in
RST ext
100
Ω
VCC
GND
Cline = 20pF max.
www.st.com


Similar Part No. - EMIF03-SIM02F2_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF03-SIM02F2 STMICROELECTRONICS-EMIF03-SIM02F2 Datasheet
130Kb / 7P
3 LINE EMI FILTER INCLUDING ESD PROTECTION
12-Sep-2005
More results

Similar Description - EMIF03-SIM02F2_08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF10-1K010F2 STMICROELECTRONICS-EMIF10-1K010F2_08 Datasheet
183Kb / 8P
10-line IPAD?? EMI filter including ESD protection
17-Apr-2008
EMIF03-SIM01F2 STMICROELECTRONICS-EMIF03-SIM01F2_08 Datasheet
175Kb / 7P
3-line IPAD?? EMI filter including ESD protection
28-Apr-2008
EMIF03-SIM02F3 STMICROELECTRONICS-EMIF03-SIM02F3 Datasheet
307Kb / 9P
3-line IPAD, EMI filter including ESD protection
28-Apr-2008
EMIF02-USB04F3 STMICROELECTRONICS-EMIF02-USB04F3 Datasheet
175Kb / 7P
3-line IPAD?? EMI filter including ESD protection
21-Oct-2010
EMIF03-SIM02C2 STMICROELECTRONICS-EMIF03-SIM02C2_10 Datasheet
188Kb / 8P
3-line IPAD??EMI filter including ESD protection
02-Sep-2010
EMIF03-SIM02F3 STMICROELECTRONICS-EMIF03-SIM02F3_10 Datasheet
288Kb / 9P
3-line IPAD?? EMI filter including ESD protection
07-Apr-2010
EMIF03-SIM03F3 STMICROELECTRONICS-EMIF03-SIM03F3 Datasheet
197Kb / 8P
3-line IPAD?? EMI filter including ESD protection
12-Oct-2010
EMIF03-SIM04F3 STMICROELECTRONICS-EMIF03-SIM04F3 Datasheet
193Kb / 7P
3-line IPAD?? EMI filter including ESD protection
12-Oct-2010
EMIF03SIM02F2 STMICROELECTRONICS-EMIF03SIM02F2 Datasheet
153Kb / 8P
3-line IPAD?? EMI filter including ESD protection
24-Apr-2008
EMIF03-SIM06F3 STMICROELECTRONICS-EMIF03-SIM06F3 Datasheet
321Kb / 7P
3-line IPAD™, EMI filter including ESD protection
19-Dec-2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com