Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HCF4027M013TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCF4027M013TR
Description  DUAL J-K MASTER SLAVE FLIP-FLOP
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4027M013TR Datasheet(HTML) 5 Page - STMicroelectronics

  HCF4027M013TR Datasheet HTML 1Page - STMicroelectronics HCF4027M013TR Datasheet HTML 2Page - STMicroelectronics HCF4027M013TR Datasheet HTML 3Page - STMicroelectronics HCF4027M013TR Datasheet HTML 4Page - STMicroelectronics HCF4027M013TR Datasheet HTML 5Page - STMicroelectronics HCF4027M013TR Datasheet HTML 6Page - STMicroelectronics HCF4027M013TR Datasheet HTML 7Page - STMicroelectronics HCF4027M013TR Datasheet HTML 8Page - STMicroelectronics HCF4027M013TR Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
HCF4027B
5/9
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, RL = 200KΩ, tr = tf = 20 ns)
(*) Typical temperature coefficient for all VDD value is 0.3 %/°C.
(1) Input tr, tf = 5ns
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V)
Min.
Typ.
Max.
tPLH tPHL Propagation Delay
Time(Clock to Q or Q
Outputs)
5
150
300
ns
10
65
130
15
45
90
tPLH
Propagation Delay Time
(Set to Q or Reset to Q)
5
150
300
ns
10
65
130
15
45
90
tPHL
Propagation Delay Time
(Set to Q or Reset to Q)
5
200
400
ns
10
85
170
15
60
120
tTLH tTHL Transition Time
5
100
200
ns
10
50
100
15
40
80
tW
Pulse Width (Clock)
5
140
70
ns
10
60
30
15
40
20
tW
Pulse Width (Set or Reset)
5
180
90
ns
10
80
40
15
50
25
tr, tf
Clock input Rise or Fall
Time
515
µs
10
4
15
1
tsetup
Setup Time (DATA)
5
200
100
ns
10
75
35
15
50
25
fMAX
Maximum Clock Input
Frequency (1)
(toggle mode)
5
3.5
7
MHz
10
8
16
15
12
24



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com