Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HCF4035BEY Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCF4035BEY
Description  4 STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4035BEY Datasheet(HTML) 5 Page - STMicroelectronics

  HCF4035BEY Datasheet HTML 1Page - STMicroelectronics HCF4035BEY Datasheet HTML 2Page - STMicroelectronics HCF4035BEY Datasheet HTML 3Page - STMicroelectronics HCF4035BEY Datasheet HTML 4Page - STMicroelectronics HCF4035BEY Datasheet HTML 5Page - STMicroelectronics HCF4035BEY Datasheet HTML 6Page - STMicroelectronics HCF4035BEY Datasheet HTML 7Page - STMicroelectronics HCF4035BEY Datasheet HTML 8Page - STMicroelectronics HCF4035BEY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HCF4035B
5/11
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, RL = 200KΩ, tr = tf = 20 ns)
(*) Typical temperature coefficient for all VDD value is 0.3 %/°C.
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V)
Min.
Typ.
Max.
CLOCKED OPERATION
tPLH tPHL Propagation Delay Time
5
250
500
ns
10
100
200
15
75
150
tTHL tTLH Transition Time
5
100
200
ns
10
50
100
15
40
80
fMAX
Maximum Clock Input
Frequency
52
4
MHz
10
6
12
15
8
16
tW
Clock Pulse Width
5
100
200
ns
10
45
90
15
30
60
tr , tf
Clock Input Rise or Fall
Time
515
µs
10
15
15
15
tsetup
Data Setup Time J/K lines
5
110
220
ns
10
40
80
15
30
60
tsetup
Data Setup Time
Parallel In Lines
570
140
ns
10
25
50
15
20
40
RESET OPERATION
tPLH tPHL Propagation Delay Time
5
230
460
ns
10
100
200
15
80
160
tW
Reset Pulse Width
5
125
250
ns
10
55
110
15
40
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com