Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HCF40110B Datasheet(PDF) 7 Page - STMicroelectronics

Part # HCF40110B
Description  DECADE UP/DOWN COUNTER/DECODER/LATCH/DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF40110B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button HCF40110B Datasheet HTML 2Page - STMicroelectronics HCF40110B Datasheet HTML 3Page - STMicroelectronics HCF40110B Datasheet HTML 4Page - STMicroelectronics HCF40110B Datasheet HTML 5Page - STMicroelectronics HCF40110B Datasheet HTML 6Page - STMicroelectronics HCF40110B Datasheet HTML 7Page - STMicroelectronics HCF40110B Datasheet HTML 8Page - STMicroelectronics HCF40110B Datasheet HTML 9Page - STMicroelectronics HCF40110B Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HCF40110B
7/10
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, RL = 200KΩ, tr = tf = 20 ns)
(*) Typical temperature coefficient for all VDD value is 0.3 %/°C.
NOTE : Measured at the point of 10% change in output load of 50pF, RL = 1KΩ to VDD for tPZL, tPLZ and RL = 1KΩ to VSS for tPHZ
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance)
RL = 200KΩ
RT = ZOUT of pulse generator (typically 50Ω)
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V)
Min.
Typ.
Max.
CLOCK UP/CLOCK DOWN
tW
Pulse Width
5
85
ns
10
35
15
15
fCL
Maximum Frequency
5
2.5
MHz
10
5
15
8
tWC
Carry Pulse Width
5
225
ns
10
100
15
70
tWB
Borrow Pulse Width
5
260
ns
10
110
15
80
RESET
tPLH
tPHL
Propagation Delay Time
Reset to Clock
5750
ns
10
285
15
200
Delay from Reset to First
Allowable Clock
5300
ns
10
125
15
75
tW
Pulse Width
5
150
ns
10
60
15
40



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com