Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M54HC4053 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC4053
Description  RAD-HARD TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4053 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC4053 Datasheet HTML 1Page - STMicroelectronics M54HC4053 Datasheet HTML 2Page - STMicroelectronics M54HC4053 Datasheet HTML 3Page - STMicroelectronics M54HC4053 Datasheet HTML 4Page - STMicroelectronics M54HC4053 Datasheet HTML 5Page - STMicroelectronics M54HC4053 Datasheet HTML 6Page - STMicroelectronics M54HC4053 Datasheet HTML 7Page - STMicroelectronics M54HC4053 Datasheet HTML 8Page - STMicroelectronics M54HC4053 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
May 2004
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
LOGIC LEVEL TRANSLATION TO ENABLE
5V LOGIC SIGNAL TO COMMUNICATE
WITH
±5V ANALOG SIGNAL
s
LOW "ON" RESISTANCE:
70
Ω TYP. (V
CC -VEE =4.5V)
50
Ω TYP. (V
CC -VEE =9V)
s
WIDE ANALOG INPUT VOLT. RANGE:
±6V
s
FAST SWITCHING:
tpd = 15ns (TYP.) at TA =25°C
s
LOW CROSSTALK BETWEEN SWITCHES
s
HIGH ON/OFF OUTPUT VOLTAGE RATIO
s
WIDE OPERATING SUPPLY VOLTAGE
RANGE (VCC -VEE) = 2V TO 12V
s
LOW SINE WAVE DISTORTION:
0.02% at VCC -VEE =9V
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 4053
s
SPACE GRADE-1: ESA SCC QUALIFIED
s
50 krad QUALIFIED, 100 krad AVAILABLE ON
REQUEST
s
NO SEL UNDER HIGH LET HEAVY IONS
IRRADIATION
s
DEVICE FULLY COMPLIANT WITH
SCC-9408-065
DESCRIPTION
The M54HC4053 is a triple two-channel analog
MULTIPLEXER/DEMULTIPLEXER
fabricated
with silicon gate C2MOS technology and it is pin to
pin compatible with the equivalent metal gate
CMOS4000B series.
It contains 6 bidirectional and digitally controlled
analog switches.
A built-in level shifting is included to allow an input
rangeupto
±6V (peak) for an analog signal with
digital control signal of 0 to 6V.
VEE supply pin is provided for analog input
signals. It has an inhibit (INH) input terminal to
disable all the switches when high. For operation
as a digital multiplexer/demultiplexer, VEE is
connected to GND.
A, B and C control inputs select one of a pair of
channels.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M54HC4053
RAD-HARD TRIPLE 2-CHANNEL
ANALOG MULTIPLEXER/DEMULTIPLEXER
PIN CONNECTION
ORDER CODES
PACKAGE
FM
EM
DILC
M54HC4053D
M54HC4053D1
FPC
M54HC4053K
M54HC4053K1
DILC-16
FPC-16
Rev. 1


Similar Part No. - M54HC4053

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4053 STMICROELECTRONICS-M54HC4053 Datasheet
301Kb / 15P
ANALOGMULTIPLEXER/DEMULTIPLEXER: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
Oct-1993
M54HC4053 STMICROELECTRONICS-M54HC4053 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC4053B1R STMICROELECTRONICS-M54HC4053B1R Datasheet
301Kb / 15P
ANALOGMULTIPLEXER/DEMULTIPLEXER: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
Oct-1993
M54HC4053C1R STMICROELECTRONICS-M54HC4053C1R Datasheet
301Kb / 15P
ANALOGMULTIPLEXER/DEMULTIPLEXER: SINGLE8CHANNEL, DUAL 4CHANNEL, TRIPLE2CHANNEL
Oct-1993
M54HC4053D STMICROELECTRONICS-M54HC4053D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
More results

Similar Description - M54HC4053

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV4053 PHILIPS-74LV4053 Datasheet
154Kb / 16P
Triple 2-channel analog multiplexer/demultiplexer
1998 Jun 23
logo
Hitachi Semiconductor
HD74LV4053A HITACHI-HD74LV4053A Datasheet
76Kb / 17P
Triple 2-channel Analog Multiplexer / Demultiplexer
logo
STMicroelectronics
M74HC4053 STMICROELECTRONICS-M74HC4053 Datasheet
313Kb / 15P
TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
17-May-2004
logo
NXP Semiconductors
74HC4053 PHILIPS-74HC4053_90 Datasheet
141Kb / 17P
Triple 2-channel analog multiplexer/demultiplexer
December 1990
logo
STMicroelectronics
M54HC4051 STMICROELECTRONICS-M54HC4051_04 Datasheet
289Kb / 12P
RAD-HARD SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
14-May-2004
logo
NXP Semiconductors
74HC4053 NXP-74HC4053 Datasheet
224Kb / 32P
Triple 2-channel analog multiplexer/demultiplexer
Rev. 7-13 December 2011
logo
Texas Instruments
SN74LV4053A-Q1 TI1-SN74LV4053A-Q1 Datasheet
807Kb / 17P
TRIPLE 2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HCT4053PW118 NXP-74HCT4053PW118 Datasheet
226Kb / 32P
Triple 2-channel analog multiplexer/demultiplexer
Rev. 8-19 July 2012
logo
Unisonic Technologies
U74LVX4053 UTC-U74LVX4053 Datasheet
239Kb / 11P
Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Nexperia B.V. All right...
74HC4053-Q100 NEXPERIA-74HC4053-Q100 Datasheet
366Kb / 25P
Triple 2-channel analog multiplexer/demultiplexer
Rev. 3 - 5 March 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com