Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L7912CP Datasheet(PDF) 1 Page - STMicroelectronics

Part # L7912CP
Description  Negative voltage regulators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7912CP Datasheet(HTML) 1 Page - STMicroelectronics

  L7912CP Datasheet HTML 1Page - STMicroelectronics L7912CP Datasheet HTML 2Page - STMicroelectronics L7912CP Datasheet HTML 3Page - STMicroelectronics L7912CP Datasheet HTML 4Page - STMicroelectronics L7912CP Datasheet HTML 5Page - STMicroelectronics L7912CP Datasheet HTML 6Page - STMicroelectronics L7912CP Datasheet HTML 7Page - STMicroelectronics L7912CP Datasheet HTML 8Page - STMicroelectronics L7912CP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
July 2008
Rev 16
1/21
21
L79xxC
Negative voltage regulators
Features
■ Output current up to 1.5 A
■ Output voltages of -5; -8; -12; -15; -20 V
■ Thermal overload protection
■ Short circuit protection
■ Output transition SOA protection
Description
The L79XXC series of three-terminal negative
regulators is available in TO-220, TO-220FP and
D2PAK packages and several fixed output
voltages, making it useful in a wide range of
applications. These regulators can provide local
on-card regulation, eliminating the distribution
problems associated with single point regulation;
furthermore, having the same voltage option as
the L78XX positive standard series, they are
particularly suited for split power supplies. If
adequate heat sinking is provided, they can
deliver over 1.5 A output current.
Although designed primarily as fixed voltage
regulators, these devices can be used with
external components to obtain adjustable
voltages and currents.
TO-220FP
D2PAK
TO-220
Table 1.
Device summary
Part numbers
Order codes
Output
voltages
TO-220
(A type)
D2PAK
TO-220FP
L7905C
L7905CV
L7905CD2T-TR
L7905CP
-5 V
L7908C
L7908CV
-8 V
L7912C
L7912CV
L7912CD2T-TR
L7912CP
-12 V
L7915C
L7915CV
L7915CD2T-TR
L7915CP
-15 V
L7920C
L7920CD2T-TR (1)
-20 V
1.
Available on request.
www.st.com


Similar Part No. - L7912CP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L7912CP STMICROELECTRONICS-L7912CP Datasheet
445Kb / 13P
NEGATIVE VOLTAGE REGULATORS
Nov-1999
L7912CP STMICROELECTRONICS-L7912CP Datasheet
414Kb / 16P
NEGATIVE VOLTAGE REGULATORS
Feb-2003
L7912CP STMICROELECTRONICS-L7912CP Datasheet
379Kb / 24P
Negative voltage regulators
19-Jan-2007
L7912CP STMICROELECTRONICS-L7912CP Datasheet
824Kb / 24P
Negative voltage regulators
05-Dec-2007
L7912CP STMICROELECTRONICS-L7912CP Datasheet
402Kb / 21P
Negative voltage regulators
15-Jul-2008
More results

Similar Description - L7912CP

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
Negative-Voltage Regulators
logo
Texas Instruments
UA79M00 TI-UA79M00 Datasheet
312Kb / 4P
NEGATIVE-VOLTAGE REGULATORS
MC79L00 TI-MC79L00_08 Datasheet
324Kb / 13P
NEGATIVE-VOLTAGE REGULATORS
logo
Torex Semiconductor
XC62K TOREX-XC62K_1 Datasheet
1Mb / 17P
Negative Voltage Regulators
logo
STMicroelectronics
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
Negative voltage regulators
05-Dec-2007
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
NEGATIVE-VOLTAGE REGULATORS
UA7900 TI1-UA7900_12 Datasheet
537Kb / 14P
NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
Negative voltage regulators
15-May-2012
L79L05ACZ-TR STMICROELECTRONICS-L79L05ACZ-TR Datasheet
717Kb / 27P
Negative voltage regulators
29-Jul-2009
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
NEGATIVE-VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com