Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L7805CD2T-TR Datasheet(PDF) 55 Page - STMicroelectronics

Part # L7805CD2T-TR
Description  Positive voltage regulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7805CD2T-TR Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L7805CD2T-TR Datasheet HTML 48Page - STMicroelectronics L7805CD2T-TR Datasheet HTML 49Page - STMicroelectronics L7805CD2T-TR Datasheet HTML 50Page - STMicroelectronics L7805CD2T-TR Datasheet HTML 51Page - STMicroelectronics L7805CD2T-TR Datasheet HTML 52Page - STMicroelectronics L7805CD2T-TR Datasheet HTML 53Page - STMicroelectronics L7805CD2T-TR Datasheet HTML 54Page - STMicroelectronics L7805CD2T-TR Datasheet HTML 55Page - STMicroelectronics L7805CD2T-TR Datasheet HTML 56Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 55 / 56 page
background image
L78xx - L78xxC
Revision history
55/56
9
Revision history
Table 33.
Document revision history
Date
Revision
Changes
21-Jun-2004
12
Document updating.
03-Aug-2006
13
Order codes has been updated and new template.
19-Jan-2007
14
D2PAK mechanical data has been updated and add footprint data.
31-May-2007
15
Order codes has been updated.
29-Aug-2007
16
Added Table 1 in cover page.
11-Dec-2007
17
Modified: Table 32.
06-Feb-2008
18
Added: TO-220 mechanical data Figure 38 on page 40, Figure 39 on page 41
and Table 24 on page 42. Modified: Table 32 on page 54.
18-Mar-2008
19
Added: Table 27: DPAK mechanical data on page 47., Table 28: Tape and reel
DPAK mechanical data on page 48. Modified: Table 32 on page 54.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com