Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L7808CD2T-TR Datasheet(PDF) 51 Page - STMicroelectronics

Part # L7808CD2T-TR
Description  Positive voltage regulators
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7808CD2T-TR Datasheet(HTML) 51 Page - STMicroelectronics

Back Button L7808CD2T-TR Datasheet HTML 47Page - STMicroelectronics L7808CD2T-TR Datasheet HTML 48Page - STMicroelectronics L7808CD2T-TR Datasheet HTML 49Page - STMicroelectronics L7808CD2T-TR Datasheet HTML 50Page - STMicroelectronics L7808CD2T-TR Datasheet HTML 51Page - STMicroelectronics L7808CD2T-TR Datasheet HTML 52Page - STMicroelectronics L7808CD2T-TR Datasheet HTML 53Page - STMicroelectronics L7808CD2T-TR Datasheet HTML 54Page - STMicroelectronics L7808CD2T-TR Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 56 page
background image
L78xx - L78xxC
Package mechanical data
51/56
Note:
The D²PAK package coming from the subcontractor Wooseok is fully compatible with the
ST's package suggested footprint.
Table 29.
D²PAK mechanical data
Dim.
TYPE STD-ST
TYPE WOOSEOK-Subcon.
mm.
mm.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.40
4.60
4.30
4.70
A1
0.03
0.23
0
0.20
b
0.70
0.93
0.70
0.90
b2
1.14
1.70
1.17
1.37
c
0.45
0.60
0.45
0.50
0.60
c2
1.23
1.36
1.25
1.30
1.40
D
8.95
9.35
9
9.20
9.40
D1
7.50
7.50
E
10
10.40
9.80
10.20
E1
8.50
7.50
e2.54
2.54
e1
4.88
5.28
5.08
H
15
15.85
15
15.30
15.60
J1
2.49
2.69
2.20
2.60
L
2.29
2.79
1.79
2.79
L1
1.27
1.40
1
1.40
L2
1.30
1.75
1.20
1.60
R
0.4
0.30
V2
0°
8°
0°
3°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com