Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM135 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM135
Description  Precision temperature sensors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM135 Datasheet(HTML) 1 Page - STMicroelectronics

  LM135 Datasheet HTML 1Page - STMicroelectronics LM135 Datasheet HTML 2Page - STMicroelectronics LM135 Datasheet HTML 3Page - STMicroelectronics LM135 Datasheet HTML 4Page - STMicroelectronics LM135 Datasheet HTML 5Page - STMicroelectronics LM135 Datasheet HTML 6Page - STMicroelectronics LM135 Datasheet HTML 7Page - STMicroelectronics LM135 Datasheet HTML 8Page - STMicroelectronics LM135 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
February 2008
Rev 3
1/16
16
LM135-LM235-LM335
Precision temperature sensors
Features
Directly calibrated in °K
1°C initial accuracy
Operates from 450µA to 5mA
Less than 1
Ω dynamic impedance
Description
The LM135, LM235, LM335 are precision
temperature sensors which can be easily
calibrated. They operate as a 2-terminal Zener
and the breakdown voltage is directly proportional
to the absolute temperature at 10mV/°K.
The circuit has a dynamic impedance of less than
1
Ω and operates within a range of current from
450µA to 5mA without alteration of its
characteristics.
Calibrated at +25°C, the LM135, LM235, and
LM335 have a typical error of less than 1°C over a
100°C temperature range. Unlike other sensors,
the LM135, LM235, LM335 have a linear output.
TO-92
(Plastic package)
SO-8
(Plastic micropackage)
TO-92
(Bottom view)
SO-8
(Top view)
Pin connections
ADJ
v+
v-
8765
1234
V+
NC
ADJ
NC
NC
V
NC
NC
-
www.st.com


Similar Part No. - LM135

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM135 NSC-LM135 Datasheet
291Kb / 14P
Precision Temperature Sensors
logo
STMicroelectronics
LM135 STMICROELECTRONICS-LM135 Datasheet
118Kb / 11P
PRECISION TEMPERATURE SENSORS
Oct-1997
logo
Texas Instruments
LM135 TI1-LM135 Datasheet
1Mb / 24P
LM135/LM235/LM335, LM135A/LM235A/LM335A Precision Temperature Sensors
logo
Silicon Supplies
LM135 SS-LM135 Datasheet
1Mb / 10P
Analog Temperature Sensor
LM135 SS-LM135 Datasheet
1Mb / 10P
Analog Temperature Sensor
More results

Similar Description - LM135

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM135 NSC-LM135 Datasheet
291Kb / 14P
Precision Temperature Sensors
LM34 NSC-LM34 Datasheet
248Kb / 12P
Precision Fahrenheit Temperature Sensors
logo
STMicroelectronics
LM135 STMICROELECTRONICS-LM135 Datasheet
118Kb / 11P
PRECISION TEMPERATURE SENSORS
Oct-1997
logo
National Semiconductor ...
LM34C NSC-LM34C Datasheet
242Kb / 10P
Precision Fahrenheit Temperature Sensors
LM35A NSC-LM35A Datasheet
252Kb / 12P
Precision Centigrade Temperature Sensors
LM135 NSC-LM135_08 Datasheet
867Kb / 16P
Precision Temperature Sensors
logo
Texas Instruments
LM35 TI1-LM35_15 Datasheet
1Mb / 31P
Precision Centigrade Temperature Sensors
LM34 TI1-LM34_16 Datasheet
1Mb / 27P
Precision Fahrenheit Temperature Sensors
logo
Tiger Electronic Co.,Lt...
LM35 TGS-LM35 Datasheet
451Kb / 10P
Precision Centigrade Temperature Sensors
logo
Riedon Powertron
RTDW1N1001 RIEDON-RTDW1N1001 Datasheet
255Kb / 1P
Precision Wirewound Temperature Sensors
201907_002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com