Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L4941 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L4941
Description  Very low drop 1A regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4941 Datasheet(HTML) 5 Page - STMicroelectronics

  L4941_06 Datasheet HTML 1Page - STMicroelectronics L4941_06 Datasheet HTML 2Page - STMicroelectronics L4941_06 Datasheet HTML 3Page - STMicroelectronics L4941_06 Datasheet HTML 4Page - STMicroelectronics L4941_06 Datasheet HTML 5Page - STMicroelectronics L4941_06 Datasheet HTML 6Page - STMicroelectronics L4941_06 Datasheet HTML 7Page - STMicroelectronics L4941_06 Datasheet HTML 8Page - STMicroelectronics L4941_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
L4941
Maximum ratings
5/17
3
Maximum ratings
Note:
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these condition is not implied
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
Forward input voltage
30
V
VIR
Reverse input voltage (RO=100Ω)-15
V
IO
Output current
Internally Limited
mA
PD
Power dissipation
Internally Limited
mW
Tstg
Storage temperature range
-40 to +150
°C
Top
Operating junction temperature range
-40 to +150
°C
Table 2.
Thermal Data
Symbol
Parameter
TO-220
DPAK
Unit
RthJC
Thermal resistance junction-case
3
8
°C/W
RthJA
Thermal resistance junction-ambient
50
100
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com