Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L4971D Datasheet(PDF) 2 Page - STMicroelectronics

Part # L4971D
Description  1.5A STEP DOWN SWITCHING REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4971D Datasheet(HTML) 2 Page - STMicroelectronics

  L4971D Datasheet HTML 1Page - STMicroelectronics L4971D Datasheet HTML 2Page - STMicroelectronics L4971D Datasheet HTML 3Page - STMicroelectronics L4971D Datasheet HTML 4Page - STMicroelectronics L4971D Datasheet HTML 5Page - STMicroelectronics L4971D Datasheet HTML 6Page - STMicroelectronics L4971D Datasheet HTML 7Page - STMicroelectronics L4971D Datasheet HTML 8Page - STMicroelectronics L4971D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
L4971
2/13
Figure 2. Block Diagram
Figure 3. Pin Connections
Table 2. Pin Description
(*) Pins 1, 7, 8, 9, 10, 15 and 16 are not internally, electrically connected to the die.
DIP
SO (*)
Name
Function
1
2
GND
Ground
2
3
SS_INH
A logic signal (active low) disables the device (sleep mode operation).
A capacitor connected between this pin and ground determines the soft start time.
When this pin is grounded disabled the device (driven by open collector/drain).
3
4
OSC
An external resistor connected between the unregulated input voltage and this pin and
a capacitor connected from this pin to ground fix the switching frequency. (Line feed
forward is automatically obtained)
4
5, 6
OUT
Stepdown regulator output
511
VCC
Unregulated DC input voltage
6
12
BOOT
A capacitor connected between this pin and OUT allows to drive the internal DMOS
Transistor
7
13
COMP
E/A output to be used for frequency compensation
8
14
FB
Stepdown feedback input. Connecting directly to this pin results in an output voltage of
3.3V. An external resistive divider is required for higher output voltages.
INHIBIT
SOFTSTART
VOLTAGES
MONITOR
THERMAL
SHUTDOWN
E/A
PWM
3.3V
OSCILLATOR
R
S
Q
INTERNAL
REFERENCE
INTERNAL
SUPPLY
3.3V
5.1V
DRIVE
CBOOT
CHARGE
CBOOT
CHARGE
AT LIGHT
LOADS
2
7
8
FB
COMP
SS_INH
3
1
4
6
5
BOOT
OSC
GND
OUT
VCC
D97IN594
GND
SS_INH
OSC
OUT
1
3
2
4
VCC
BOOT
COMP
FB
8
7
6
5
D97IN595
N.C.
GND
SS_INH
OSC
OUT
N.C.
OUT
N.C.
N.C.
N.C.
BOOT
VCC
COMP
FB
N.C.
N.C.
1
3
2
4
5
6
7
8
14
13
12
11
10
9
15
16
D97IN596
DIP8
SO16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com