Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L4976 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4976
Description  1A step down switching regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4976 Datasheet(HTML) 1 Page - STMicroelectronics

  L4976 Datasheet HTML 1Page - STMicroelectronics L4976 Datasheet HTML 2Page - STMicroelectronics L4976 Datasheet HTML 3Page - STMicroelectronics L4976 Datasheet HTML 4Page - STMicroelectronics L4976 Datasheet HTML 5Page - STMicroelectronics L4976 Datasheet HTML 6Page - STMicroelectronics L4976 Datasheet HTML 7Page - STMicroelectronics L4976 Datasheet HTML 8Page - STMicroelectronics L4976 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
April 2007
Rev 7
1/17
17
L4976
1A step down switching regulator
Features
■ Up to 1A step down converter
■ Operating input voltage from 8v to 55v
■ Precise 5.1V reference voltage
■ Output voltage adjustable from 0.5V to 50V
■ Switching frequency adjustable up to 300kHz
■ Voltage feedforward
■ Zero load current operation
■ Internal current limiting (pulse-bypulse
■ and hiccup mode)
■ Protection against feedback disconnection
■ Thermal shutdown
Description
The L4976 is a step down monolithic power
switching regulator delivering 1A at a voltage
between 3.3V and 50V (selected by a simple
external divider). Realized in BCD mixed
technology, the device uses an internal power D-
MOS transistor (with a typical Rds(ON) of 0.25Ω) to
obtain very high efficency and high switching
speed. A switching frequency up to 300KHz is
achievable (the maximum power dissipation of the
packages must be observed). A wide input
voltage range between 8V to 55V and output
voltages regulated from 3.3V to 40V cover the
majority of today’s applications. Features of this
new generations of DC-DC converter include
pulse-by-pulse current limit, hiccup mode for short
circuit protection, voltage feedforward regulation,
protection against feedback loop disconnection
and thermal shutdown. The device is available in
plastic dual in line, MINIDIP 8 for standard
assembly, and SO16W for SMD assembly.
DIP8
SO16W
www.st.com
Figure 1.
Typical application circuit
5
2
8
4
1
L4976
C1
220
µF
63V
C8
330
µF
VO=3.3V/1A
Vi=8V to 55V
R1
20K
C2
2.7nF
R2
9.1K
C4
22nF
3
7
L1
260
µH
(77120)
6
D1
GI
SB360
C7
220nF
C6
100nF


Similar Part No. - L4976

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
1A STEP DOWN SWITCHING REGULATOR
May-2000
L4976D STMICROELECTRONICS-L4976D Datasheet
100Kb / 11P
1A STEP DOWN SWITCHING REGULATOR
May-2000
More results

Similar Description - L4976

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
1A STEP DOWN SWITCHING REGULATOR
May-2000
L5970D STMICROELECTRONICS-L5970D Datasheet
138Kb / 10P
UP TO 1A STEP DOWN SWITCHING REGULATOR
May-2003
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
National Semiconductor ...
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
High Voltage 1A Step Down Switching Regulator
logo
STMicroelectronics
L5970D STMICROELECTRONICS-L5970D_07 Datasheet
260Kb / 16P
Up to 1A step down switching regulator
26-Jan-2007
logo
Gamma Microelectronics ...
GM7110 GAMMA-GM7110_05 Datasheet
213Kb / 12P
1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
STMicroelectronics
L5981 STMICROELECTRONICS-L5981 Datasheet
823Kb / 37P
1A step-down switching regulator
16-Oct-2007
logo
HTC Korea TAEJIN Techno...
LM2575 HTC-LM2575 Datasheet
632Kb / 13P
1A, 52kHz, Step-Down Switching Regulator
logo
Linear Technology
LT3503 LINER-LT3503_15 Datasheet
433Kb / 20P
1A, 2.2MHz Step-Down Switching Regulator
LT3682 LINER-LT3682_15 Datasheet
264Kb / 24P
1A Micropower Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com