Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LRIS2K-A1T Datasheet(PDF) 75 Page - STMicroelectronics

Part # LRIS2K-A1T
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K-A1T Datasheet(HTML) 75 Page - STMicroelectronics

Back Button LRIS2K-A1T Datasheet HTML 71Page - STMicroelectronics LRIS2K-A1T Datasheet HTML 72Page - STMicroelectronics LRIS2K-A1T Datasheet HTML 73Page - STMicroelectronics LRIS2K-A1T Datasheet HTML 74Page - STMicroelectronics LRIS2K-A1T Datasheet HTML 75Page - STMicroelectronics LRIS2K-A1T Datasheet HTML 76Page - STMicroelectronics LRIS2K-A1T Datasheet HTML 77Page - STMicroelectronics LRIS2K-A1T Datasheet HTML 78Page - STMicroelectronics LRIS2K-A1T Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 102 page
background image
LRIS2K
Kill
75/102
36
Kill
On receiving the Kill command, in the Addressed mode only, the LRIS2K compares the kill
code with the data contained in the request and reports whether the operation was
successful in the request. The Option_flag is supported. If the command is received in the
Non Addressed or the Selected mode, the LRIS2K returns an error response.
During the comparison cycle equal to tW, there should be no modulation (neither 100% nor
10%). Otherwise, the LRIS2K may not match the kill code correctly. The tW time is equal to
t1nom + 18 × 302 µs. After a successful Kill command, the LRIS2K is deactivated and does
not interpret any other command.
Request parameters:
●
UID (optional)
●
Kill code
Response parameter:
●
No parameter. The response is send back after the writing cycle
Response parameter:
●
Error code as Error_flag is set:
–
0Fh: other error
–
14h: block not locked
Table 66.
Kill request format
Request
SOF
Request
_flags
Kill
IC Mfg
Code
UID
Kill
access
Kill code
CRC16
Request
EOF
8 bits
A6h
0x02
64 bits
00h
32 bits
16bits
Table 67.
Kill response format when Error_flag is NOT set
Response
SOF
Response_flags
CRC16
Response
EOF
8 bits
16 bits
Table 68.
Kill response format when Error_flag is set
Response
SOF
Response_
Flags
Error code
CRC16
Response
EOF
8 bits
8 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com