Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L4978 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L4978
Description  2A STEP DOWN SWITCHING REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4978 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L4978 Datasheet HTML 2Page - STMicroelectronics L4978 Datasheet HTML 3Page - STMicroelectronics L4978 Datasheet HTML 4Page - STMicroelectronics L4978 Datasheet HTML 5Page - STMicroelectronics L4978 Datasheet HTML 6Page - STMicroelectronics L4978 Datasheet HTML 7Page - STMicroelectronics L4978 Datasheet HTML 8Page - STMicroelectronics L4978 Datasheet HTML 9Page - STMicroelectronics L4978 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
L4978
6/13
Figure 6. Quiescent drain current vs. input
voltage.
Figure 7. Quiescent current vs. junction
temperature
Figure 8. Stand by drain current vs. input
voltage.
Figure 9. Line Regulation
.
Figure 10. Load regulation
.
Figure 11. Switching frquency vs. R1 and C2
.
0
5 10 15 20 25 30 35 40 45 50
Vcc(V)
1
2
3
4
5
Iq
(mA)
200KHz
R1=22K
C2=1.2nF
0Hz
D97IN724
Tamb=25˚C
0% DC
100KHz
R1=20K
C2=2.7nF
-50 -30 -10 10 30 50 70 90 110
Tj(˚C)
1
2
3
4
5
Iq
(mA)
D97IN731
0Hz
200KHz
R1=22K
C2=1.2nF
VCC=35V
0% DC
100KHz
R1=20K
C2=2.7nF
0
5 10 15 20 25 30 35 40 45 50 VCC(V)
60
70
80
90
100
110
120
130
140
150
Ibias
(
µA)
D97IN732
Tj=25˚C
Tj=125˚C
Vss=GND
0
5 10 15 20 25 30 35 40 45 50 VCC(V)
3.370
3.371
3.372
3.373
3.374
3.375
3.376
3.377
VO
(V)
D97IN733
Tj=25˚C
Tj=125˚C
0
0.2 0.4 0.6
1.0 1.2 1.4 1.6
IO(A)
0.8
1.8
3.360
3.362
3.364
3.366
3.368
3.370
3.372
3.374
3.376
3.378
VO
(V)
Tj=25˚C
Tj=125˚C
VCC=35V
D98IN835
0
20
40
60
80
R1(K
Ω)
5
10
20
50
100
200
500
fsw
(KHz)
D97IN784
0.82nF
1.2nF
2.2nF
3.3nF
4.7nF
5.6nF
Tamb=25˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com