Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LRIS2K-A7T Datasheet(PDF) 89 Page - STMicroelectronics

Part # LRIS2K-A7T
Description  2048-bit EEPROM tag IC at 13.56 MHz, with 64-bit UID and Password, ISO15693 and ISO18000-3 Mode 1 compliant
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LRIS2K-A7T Datasheet(HTML) 89 Page - STMicroelectronics

Back Button LRIS2K-A7T Datasheet HTML 85Page - STMicroelectronics LRIS2K-A7T Datasheet HTML 86Page - STMicroelectronics LRIS2K-A7T Datasheet HTML 87Page - STMicroelectronics LRIS2K-A7T Datasheet HTML 88Page - STMicroelectronics LRIS2K-A7T Datasheet HTML 89Page - STMicroelectronics LRIS2K-A7T Datasheet HTML 90Page - STMicroelectronics LRIS2K-A7T Datasheet HTML 91Page - STMicroelectronics LRIS2K-A7T Datasheet HTML 92Page - STMicroelectronics LRIS2K-A7T Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 102 page
background image
LRIS2K
Maximum rating
89/102
45
Maximum rating
Stressing the device above the rating listed in the absolute maximum ratings table may
cause permanent damage to the device. These are stress ratings only and operation of the
device at these or any other conditions above those indicated in the Operating sections of
this specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability. Refer also to the STMicroelectronics SURE
Program and other relevant quality documents.
Table 91.
Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
TSTG, hSTG,
tSTG
Storage conditions
Wafer
15
25
°C
23
months
kept in its antistatic bag
A1, A6, A7
15
25
°C
40%
60%
RH
2years
ICC
Supply current on AC0 / AC1
–20
20
mA
VMAX
Input voltage on AC0 / AC1
–7
7
V
VESD
Electrostatic discharge voltage(1) (2)
1.
Mil. Std. 883 - Method 3015.
2.
ESD test: ISO10373-7 specification.
A1, A6, A7
–7000
7000
V
MLP (HBM)
–1000
1000
V
MLP (MM)
–100
100
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com