Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L5994 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L5994
Description  ADJUSTABLE TRIPLE OUTPUT POWER SUPPLY CONTROLLER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5994 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L5994_02 Datasheet HTML 7Page - STMicroelectronics L5994_02 Datasheet HTML 8Page - STMicroelectronics L5994_02 Datasheet HTML 9Page - STMicroelectronics L5994_02 Datasheet HTML 10Page - STMicroelectronics L5994_02 Datasheet HTML 11Page - STMicroelectronics L5994_02 Datasheet HTML 12Page - STMicroelectronics L5994_02 Datasheet HTML 13Page - STMicroelectronics L5994_02 Datasheet HTML 14Page - STMicroelectronics L5994_02 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11/26
L5994 - L5994A
Protections
Each converter is fully protected against fault conditions. A monitoring system checks for overvoltages of the
output, quickly disabling the interested converter in case such an event occurs. This condition is latched and to
allow the device to start again either the supply voltages have to be removed or the relative RUNx pin has to be
driven low.
Also the undervoltage conditions are detected: a light undervoltage (90% of the programmed value) only causes
the relative PWROKx to be driven low while an hard undervolatge (70% of the programmed value) causes in-
terruption of the operation of both converters. This is a protection against short circuits.
PWROKx signals (at pin 10 and 23) reveals the anomaly of the relative section (output voltage not within the
±10% of the programmed voltage) with a low output level. If the chip overheats (above 135°C typ.) the device
stops operating as long as the temperature falls below a safe value (105°C typ.). The overtemperature condition
is signalled by a low level on both PWROKx as well.
A current limitation comparator prevents from excessive current in case of overload. It intervenes as the voltage
VRSENSE exceeds 50mV, turning off the high-side switch before the error summing does. By the way, this also
gives the designer the ability to program the maximum operating current by selecting an appropriate sense re-
sistor. This pulse-by-pulse limitation gives a quasi-constant current characteristic.
Linear Driver
The Linear driver is capable of sinking up to 60mA from an external PNP transistor through the pin VDRLIN
considering the typical application circuit shown in fig. 4. The internal comparator is supplied by the same pin
VDRLIN which accepts voltages included in the range from 4.5V to 20V. If the application works with input volt-
ages that allows the regulation, the supply for the regulator can be obtained directly from the input source (VIN).
If such is not the case and is not available an additional input voltage, the most convenient way to get the supply
is to use an auxiliary winding on one of the two sections inductor with a catch diode, DS, and a filter capacitor,
CS, as shown in fig. 5. This winding delivers energy to pin VDRLIN during the recirculation period of each switch-
ing cycle with a voltage determined by the turns ratio n and little dependent on the input voltage.
Figure 4. Linear regulator supply with auxiliary winding
In case the section with the auxiliary winding is working at full load and the linear regulator is lightly loaded, the
voltage at pin VDRLIN can exceed the expected value. In fact, DS and CS act as a peak-holding circuit and
VDRLIN is influenced by the voltage spikes at switching transients. An internal clamp limits the voltage on the
VDRLIN pin at a maximum value of 16V, but, in case of intervention, the chip power dissipation will rise.The
linear driver is always active as long as PREG5 and VREF are present on the chip (see the relevant section); it
Vcc
VDRLIN
VFBLIN
2.5V
L5994
Vout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com