Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6562AD Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6562AD
Description  Transition-mode PFC controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6562AD Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6562AD Datasheet HTML 3Page - STMicroelectronics L6562AD Datasheet HTML 4Page - STMicroelectronics L6562AD Datasheet HTML 5Page - STMicroelectronics L6562AD Datasheet HTML 6Page - STMicroelectronics L6562AD Datasheet HTML 7Page - STMicroelectronics L6562AD Datasheet HTML 8Page - STMicroelectronics L6562AD Datasheet HTML 9Page - STMicroelectronics L6562AD Datasheet HTML 10Page - STMicroelectronics L6562AD Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
L6562A
Electrical characteristics
7/26
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
VCOMP
Upper clamp voltage
ISOURCE = 0.5mA
5.3
5.7
6
V
Lower clamp voltage
ISINK = 0.5mA
(1)
2.12.252.4
V
VINVdis
Disable threshold
150
200
250
mV
VINVen
Restart threshold
380
450
520
mV
Output overvoltage
IOVP
Dynamic OVP triggering
current
23.5
27
30.5
µA
Hys
Hysteresis
(3)
20
µA
Static OVP threshold
(1)
2.12.252.4
V
Current sense comparator
ICS
Input bias current
VCS = 0
-1
µA
tLEB
Leading edge blanking
100
200
300
ns
td(H-L)
Delay to output
175
ns
VCS
Current sense clamp
VCOMP = Upper clamp, Vmult = 1.5V
1.0
1.08
1.16
V
Vcsoffset
Current sense offset
VMULT = 0
25
mV
VMULT = 2.5V
5
Zero current detector
VZCDH
Upper clamp voltage
IZCD = 2.5mA
5.0
5.7
6.5
V
VZCDL
Lower clamp voltage
IZCD = - 2.5mA
-0.3
0
0.3
V
VZCDA
Arming voltage
(positive-going edge)
(3)
1.4
V
VZCDT
Triggering voltage
(negative-going edge)
(3)
0.7
V
IZCDb
Input bias current
VZCD = 1 to 4.5V
2µA
IZCDsrc
Source current capability
-2.5
mA
IZCDsnk
Sink current capability
2.5
mA
Starter
tSTART
Start timer period
75
190
300
µs
Table 5. Electrical characteristics (continued)
( -25°C < TJ < +125°C, VCC = 12V, Co = 1nF; unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com