Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M27C322-80B3 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M27C322-80B3
Description  32 Mbit (2Mb x16) UV EPROM and OTP EPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C322-80B3 Datasheet(HTML) 1 Page - STMicroelectronics

  M27C322-80B3 Datasheet HTML 1Page - STMicroelectronics M27C322-80B3 Datasheet HTML 2Page - STMicroelectronics M27C322-80B3 Datasheet HTML 3Page - STMicroelectronics M27C322-80B3 Datasheet HTML 4Page - STMicroelectronics M27C322-80B3 Datasheet HTML 5Page - STMicroelectronics M27C322-80B3 Datasheet HTML 6Page - STMicroelectronics M27C322-80B3 Datasheet HTML 7Page - STMicroelectronics M27C322-80B3 Datasheet HTML 8Page - STMicroelectronics M27C322-80B3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
March 2006
Rev 3
1/24
1
M27C322
32 Mbit (2Mb x16) UV EPROM and OTP EPROM
Feature summary
■
5V ± 10% supply voltage in read operation
■
Access time: 80ns
■
Word-wide configurable
■
32 Mbit mask ROM replacement
■
Low power consumption
– Active current 50mA at 5MHz
– Standby Current 100µA
■
Programming voltage: 12V ± 0.25V
■
Programming time: 50µs/word
■
Electronic signature
– Manufacturer Code: 0020h
– Device Code: 0034h
■
ECOPACK® packages available
1
42
1
42
FDIP42W (F)
PDIP42 (B)
1
42
SDIP42 (S)
www.st.com


Similar Part No. - M27C322-80B3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C322-80F1 STMICROELECTRONICS-M27C322-80F1 Datasheet
112Kb / 13P
32 Mbit (2Mb x16) UV EPROM and OTP EPROM
04-Apr-2000
M27C322-80F3 STMICROELECTRONICS-M27C322-80F3 Datasheet
112Kb / 13P
32 Mbit (2Mb x16) UV EPROM and OTP EPROM
04-Apr-2000
M27C322-80F6 STMICROELECTRONICS-M27C322-80F6 Datasheet
112Kb / 13P
32 Mbit (2Mb x16) UV EPROM and OTP EPROM
04-Apr-2000
M27C322-80P1 STMICROELECTRONICS-M27C322-80P1 Datasheet
112Kb / 13P
32 Mbit (2Mb x16) UV EPROM and OTP EPROM
04-Apr-2000
M27C322-80P3 STMICROELECTRONICS-M27C322-80P3 Datasheet
112Kb / 13P
32 Mbit (2Mb x16) UV EPROM and OTP EPROM
04-Apr-2000
More results

Similar Description - M27C322-80B3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C160 STMICROELECTRONICS-M27C160 Datasheet
187Kb / 19P
16 Mbit 2Mb x8 or 1Mb x16 UV EPROM and OTP EPROM
Jan-2002
M27C322 STMICROELECTRONICS-M27C322 Datasheet
112Kb / 13P
32 Mbit (2Mb x16) UV EPROM and OTP EPROM
04-Apr-2000
M27V320 STMICROELECTRONICS-M27V320 Datasheet
144Kb / 15P
32 Mbit (4Mb x8 or 2Mb x16) OTP EPROM
M27V322 STMICROELECTRONICS-M27V322 Datasheet
112Kb / 13P
32 Mbit (2Mb x16) Low Voltage UV EPROM and OTP EPROM
M27C4002 STMICROELECTRONICS-M27C4002 Datasheet
196Kb / 18P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
30-Aug-2001
M27C202 STMICROELECTRONICS-M27C202 Datasheet
174Kb / 15P
2 Mbit (128Kb x16) UV EPROM and OTP EPROM
Apr-1999
M27C4002 STMICROELECTRONICS-M27C4002_06 Datasheet
225Kb / 24P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
06-Apr-2006
M27C1024 STMICROELECTRONICS-M27C1024 Datasheet
106Kb / 15P
1 Mbit (64Kb x16) UV EPROM and OTP EPROM
Sep-1998
M27V322 STMICROELECTRONICS-M27V322_06 Datasheet
178Kb / 23P
32 Mbit (2Mb ×16) low-voltage UV EPROM and OTP EPROM
22-May-2006
M27C4002-10C1 STMICROELECTRONICS-M27C4002-10C1 Datasheet
236Kb / 24P
4 Mbit (256Kb x16) UV EPROM and OTP EPROM
06-Apr-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com