Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS4990 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS4990
Description  1.2 W audio power amplifier with active low standby mode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4990 Datasheet(HTML) 1 Page - STMicroelectronics

  TS4990 Datasheet HTML 1Page - STMicroelectronics TS4990 Datasheet HTML 2Page - STMicroelectronics TS4990 Datasheet HTML 3Page - STMicroelectronics TS4990 Datasheet HTML 4Page - STMicroelectronics TS4990 Datasheet HTML 5Page - STMicroelectronics TS4990 Datasheet HTML 6Page - STMicroelectronics TS4990 Datasheet HTML 7Page - STMicroelectronics TS4990 Datasheet HTML 8Page - STMicroelectronics TS4990 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
May 2008
Rev 12
1/32
32
TS4990
1.2 W audio power amplifier with active low standby mode
Features
■ Operating range from VCC = 2.2 V to 5.5 V
■ 1.2 W output power @ VCC = 5 V, THD = 1%,
F = 1 kHz, with 8
Ωload
■ Ultra-low consumption in standby mode (10 nA)
■ 62 dB PSRR at 217 Hz in grounded mode
■ Near-zero pop and click
■ Ultra-low distortion (0.1%)
■ Unity gain stable
■ Available in 9-bump flip-chip, miniSO-8 and
DFN8 packages
Applications
■ Mobile phones (cellular / cordless)
■ Laptop / notebook computers
■ PDAs
■ Portable audio devices
Description
The TS4990 is designed for demanding audio
applications such as mobile phones to reduce the
number of external components.
This audio power amplifier is capable of delivering
1.2 W of continuous RMS output power into an 8
Ω
load at 5 V.
An externally controlled standby mode reduces
the supply current to less than 10 nA. It also
includes an internal thermal shutdown protection.
The unity-gain stable amplifier can be configured
by external gain setting resistors.
TS4990IJT/TS4990EIJT - Flip-chip 9 bumps
TS4990IQT - DFN8
TS4990IST - MiniSO-8
Vin-
GND
BYPASS
VOUT2
VCC
Vin+
VOUT1
GND
STBY
Vin-
GND
BYPASS
VOUT2
VCC
Vin+
VOUT1
GND
STBY
TS4990ID/TS4990IDT - SO-8
STBY
BYPASS
VIN+
VIN-
VOUT1
V
GND
VOUT2
1
2
3
4
8
5
7
6
CC
STBY
BYPASS
VIN+
VIN-
VOUT1
V
GND
VOUT2
1
2
3
4
8
5
7
6
CC
1
2
3
4
5
8
7
6
STANDBY
BYPASS
V
OUT 2
V
IN-
V
IN+
Vcc
V
OUT 1
GND
1
2
3
4
5
8
7
6
STANDBY
BYPASS
V
OUT 2
V
IN-
V
IN+
Vcc
V
OUT 1
GND
www.st.com


Similar Part No. - TS4990

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4990 STMICROELECTRONICS-TS4990 Datasheet
143Kb / 6P
1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE
30-Aug-2011
TS4990 STMICROELECTRONICS-TS4990 Datasheet
652Kb / 33P
1.2 W audio power amplifier with active-low standby mode
17-Jan-2019
TS4990EIJT STMICROELECTRONICS-TS4990EIJT Datasheet
652Kb / 33P
1.2 W audio power amplifier with active-low standby mode
17-Jan-2019
TS4990IDT STMICROELECTRONICS-TS4990IDT Datasheet
652Kb / 33P
1.2 W audio power amplifier with active-low standby mode
17-Jan-2019
TS4990IJT STMICROELECTRONICS-TS4990IJT Datasheet
143Kb / 6P
1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE
30-Aug-2011
More results

Similar Description - TS4990

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4902 STMICROELECTRONICS-TS4902 Datasheet
399Kb / 19P
300mW at 3.3V SUPPLY AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE LOW
Jan-2002
TS4972 STMICROELECTRONICS-TS4972 Datasheet
904Kb / 28P
1.2W AUDIO POWER AMPLIFIER WITH STANDBY MODE ACTIVE HIGH
Jan-2003
TS4990 STMICROELECTRONICS-TS4990 Datasheet
143Kb / 6P
1W AUDIO POWER AMPLIFIER WITH ACTIVE LOW STANDBY MODE
30-Aug-2011
TS4984 STMICROELECTRONICS-TS4984 Datasheet
804Kb / 29P
2 x 1W Stereo audio power amplifier with active low standby mode
01-Jan-2005
TS4984FC STMICROELECTRONICS-TS4984FC Datasheet
1Mb / 30P
1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
Nov-2005
TS4994FC STMICROELECTRONICS-TS4994FC Datasheet
673Kb / 35P
1.2 W differential input/output audio power amplifier with selectable standby
12-Dec-2006
TS4972 STMICROELECTRONICS-TS4972_04 Datasheet
789Kb / 30P
1.2W Audio Power Amplifier with Standby Mode Active High
Oct-2004
logo
Integrated Silicon Solu...
IS31AP4991 ISSI-IS31AP4991 Datasheet
427Kb / 12P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
List of Unclassifed Man...
IS31AP4991-SLS2-TR ETC2-IS31AP4991-SLS2-TR Datasheet
418Kb / 11P
1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
Integrated Silicon Solu...
IS31AP4996 ISSI-IS31AP4996 Datasheet
348Kb / 10P
1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-HIGH STANDBY MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com