Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS4998IQT Datasheet(PDF) 27 Page - STMicroelectronics

Part # TS4998IQT
Description  2 x 1W differential input stereo audio amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4998IQT Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TS4998IQT Datasheet HTML 23Page - STMicroelectronics TS4998IQT Datasheet HTML 24Page - STMicroelectronics TS4998IQT Datasheet HTML 25Page - STMicroelectronics TS4998IQT Datasheet HTML 26Page - STMicroelectronics TS4998IQT Datasheet HTML 27Page - STMicroelectronics TS4998IQT Datasheet HTML 28Page - STMicroelectronics TS4998IQT Datasheet HTML 29Page - STMicroelectronics TS4998IQT Datasheet HTML 30Page - STMicroelectronics TS4998IQT Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
TS4998
Application information
27/33
external input capacitors CIN, some noise might remain at startup. To eliminate the effect of
mismatched components, the TS4998 includes pop reduction circuitry. With this circuitry,
the TS4998 is close to zero pop for all possible common applications.
In addition, when the TS4998 is in standby mode, due to the high impedance output stage in
this configuration, no pop is heard.
4.12
Single-ended input configuration
It is possible to use the TS4998 in a single-ended input configuration. However, input
coupling capacitors are needed in this configuration. The schematic diagram in Figure 67
shows an example of this configuration for a gain of +6dB set by the input resistors.
Figure 67.
Typical single-ended input application
The component calculations remain the same for the gain. In single-ended input
configuration, the formula is:
with RIN expressed in kΩ.
Cin1
330nF
Cb
1uF
Cs
1uF
Cin2
330nF
Cin3
330nF
Cin4
330nF
VCC
Left Speaker
8 Ohms
Right Speaker
8 Ohms
P1
Diff. input L-
P2
Diff. input R-
Rin1
25k
Rin2
25k
Rin3
25k
Rin4
25k
1
2
4
3
14
12
11
9
10
BIAS
STBY
LEFT
RIGHT
LIN-
RIN-
LIN+
RIN+
Bypass
GND
GND
LOUT-
LOUT+
ROUT-
ROUT+
-
+
+
-
Vcc
TS4998
U1
TS4998 - QFN16
Av
SE =
V
O+
V
O-
–
V
e
--------------------------
R
feed
R
IN
--------------
50k
Ω
R
IN
--------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com