Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS4990IQT Datasheet(PDF) 25 Page - STMicroelectronics

Part # TS4990IQT
Description  1.2 W audio power amplifier with active low standby mode
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4990IQT Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TS4990IQT Datasheet HTML 21Page - STMicroelectronics TS4990IQT Datasheet HTML 22Page - STMicroelectronics TS4990IQT Datasheet HTML 23Page - STMicroelectronics TS4990IQT Datasheet HTML 24Page - STMicroelectronics TS4990IQT Datasheet HTML 25Page - STMicroelectronics TS4990IQT Datasheet HTML 26Page - STMicroelectronics TS4990IQT Datasheet HTML 27Page - STMicroelectronics TS4990IQT Datasheet HTML 28Page - STMicroelectronics TS4990IQT Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
TS4990
Package information
25/32
Figure 67.
Package mechanical data for 9-bump flip-chip package
Figure 68.
Daisy chain mechanical data
The daisy chain sample features two-by-two pin connections. The schematics in Figure 68
illustrate the way pins connect to each other. This sample is used to test continuity on your
board. Your PCB needs to be designed the opposite way, so that pins that are unconnected
in the daisy chain sample, are connected on your PCB. If you do this, by simply connecting
an Ohmmeter between pin A1 and pin A3, the soldering process continuity can be tested.
■ Die size: 1.60 x 1.60 mm ±30µm
■ Die height (including bumps): 600µm
■ Bump diameter: 315µm ±50µm
■ Bump diameter before reflow: 300µm ±10µm
■ Bump height: 250µm ±40µm
■ Die height: 350µm ±20µm
■ Pitch: 500µm ±50µm
■ Coplanarity: 50µm max
■ * Back coating height: 100µm ±10µm
* Optional
1.60 mm
1.60 mm
0.5mm
0.5mm
∅ 0.25mm
1.60 mm
1.60 mm
0.5mm
0.5mm
∅ 0.25mm
600µm
100µm
600µm
100µm
A
C
B
1
2
3
1.6mm
1.6mm
A
C
B
1
2
3
1.6mm
1.6mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com