Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6925D Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6925D
Description  HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6925D Datasheet(HTML) 1 Page - STMicroelectronics

  L6925D Datasheet HTML 1Page - STMicroelectronics L6925D Datasheet HTML 2Page - STMicroelectronics L6925D Datasheet HTML 3Page - STMicroelectronics L6925D Datasheet HTML 4Page - STMicroelectronics L6925D Datasheet HTML 5Page - STMicroelectronics L6925D Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/6
L6925D
September 2004
1FEATURES
■
2.7V TO 5.5V BATTERY INPUT RANGE
■
HIGH EFFICIENCY: UP TO 95%
■
INTERNAL SYNCHRONOUS SWITCH
■
NO EXTERNAL SCHOTTKY REQUIRED
■
EXTREMELY LOW QUIESCENT CURRENT
■
800mA MAX OUTPUT CURRENT
■
ADJUSTABLE OUTPUT VOLTAGE FROM 0.6V
■
LOW DROP-OUT OPERATION: UP TO100%
DUTY CYCLE
■
SELECTABLE LOW NOISE/LOW
CONSUMPTION MODE AT LIGHT LOAD
■
LOW BATTERY INPUT
■
LOW BATTERY OUTPUT
■
±1% OUTPUT VOLTAGE ACCURACY
■
CURRENT-MODE CONTROL
■
600kHz SWITCHING FREQUENCY
■
EXTERNALLY SYNCHRONIZABLE FROM
500kHz TO 1.4MHz
■
OVP
■
SHORT CIRCUIT PROTECTION
1.1 APPLICATIONS
■
BATTERY-POWERED EQUIPMENTS
■
PORTABLE INSTRUMENTS
■
CELLULAR PHONES
■
PDAs AND HAND HELD TERMINALS
■
DSC
■
GPS
2DESCRIPTION
The device is dc-dc monolithic regulator specifically
designed to provide extremely high efficiency.
The device has on UVLO set at 2.7V cause it is part-
icurarly thought for single Li-ion cell applications.
Output voltage can be selected by an external divider
down to 0.6V. Duty Cycle can saturate to 100% al-
lowing low drop-out operation.
The device is based on a 600kHz fixed-frequency,
current mode-architecture. Low Consumption Mode
operation can be selected at light load conditions, al-
lowing switching losses to be reduced. L6925D is ex-
ternally synchronizable with a clock which makes it
useful in noise-sensitive applications.
LBI pin can be used to have a LBO signal when the
Battery voltage is lower than a preset value. Other
features like, Overvoltage protection, Shortcircuit
protection and Thermal Shutdown (150°C) are also
present.
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS
STEP DOWN REGULATOR
Figure 2. Application Test Circuit
L 6.8
µH
SYNC
LX
VFB
C1
10
µF
6.3V
C2
220pF
C4
10
µF
6.3V
R4
200K
R2
600K
R1
100K
R3
100K
VIN=2.7V to 5.5V
VOUT=1.8V
VCC
LBI
COMP
GND
LBO
D01IN1238B
7
6
1
8
3
5
24
Rev. 3
Figure 1. Package
Table 1. Order Codes
Part Number
Package
L6925D
MSOP8 (Tube)
L6925D013TR
Tape & Reel
MSOP8


Similar Part No. - L6925D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6925D STMICROELECTRONICS-L6925D Datasheet
57Kb / 5P
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
Sep-2003
More results

Similar Description - L6925D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6925D STMICROELECTRONICS-L6925D Datasheet
57Kb / 5P
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
Sep-2003
L6926D STMICROELECTRONICS-L6926D Datasheet
90Kb / 8P
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
May-2003
logo
Linear Technology
LTC1877 LINER-LTC1877 Datasheet
225Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Regulator
LTC1878 LINER-LTC1878 Datasheet
225Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Regulator
logo
STMicroelectronics
L6928D STMICROELECTRONICS-L6928D Datasheet
197Kb / 9P
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
Rev. 2
L6926 STMICROELECTRONICS-L6926_06 Datasheet
203Kb / 17P
High efficiency monolithic synchronous step down regulator
27-Oct-2006
L6928 STMICROELECTRONICS-L6928 Datasheet
191Kb / 16P
High efficiency monolithic synchronous step down regulator
27-Oct-2006
L6926 STMICROELECTRONICS-L6926_08 Datasheet
260Kb / 16P
High efficiency monolithic synchronous step down regulator
16-Sep-2008
L6928 STMICROELECTRONICS-L6928_11 Datasheet
194Kb / 16P
High efficiency monolithic synchronous step down regulator
11-Apr-2011
logo
Linear Technology
LTC1878 LINER-LTC1878_15 Datasheet
239Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com