Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6925D013TR Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6925D013TR
Description  HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6925D013TR Datasheet(HTML) 2 Page - STMicroelectronics

  L6925D013TR Datasheet HTML 1Page - STMicroelectronics L6925D013TR Datasheet HTML 2Page - STMicroelectronics L6925D013TR Datasheet HTML 3Page - STMicroelectronics L6925D013TR Datasheet HTML 4Page - STMicroelectronics L6925D013TR Datasheet HTML 5Page - STMicroelectronics L6925D013TR Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
L6925D
2/6
Table 2. Absolute Maximum Ratings
Figure 3. Pin Connection
Table 3. Thermal Data
Table 4. Pin Functions
Symbol
Parameter
Value
Unit
V6
Input voltage
-0.3 to 6
V
V5
Output switching voltage
-1 to VCC
V
V1, V8
Low Battery Input, Low Battery Output
-0.3 to VCC
V
V3
Feedback voltage
-0.3 to VCC
V
V2
Error Amplifier Output Voltage
-0.3 to VCC
V
V7
Syncronization / Mode Selector
-0.3 to VCC
V
Ptot
Power dissipation at Tamb=70
°C0.45
W
Tj
Junction operating temperature range
-40 to 150
°C
Tstg
Storage temperature range
-65 to 150
°C
LX Pin
Maximum Withstanding Voltage Range Test Condition: CDF-
AEC-Q100-002- “Human Body Model” Acceptance Criteria:
“Normal Performance’
±1000
V
Other pins
±2000
V
Symbol
Parameter
Value
Unit
Rth j-amb
Thermal Resistance Junction to Ambient
180
°C/W
N
Name
Description
1
LBI
Battery low voltage detector input. The internal threshold is set to 0.6V. The external threshold
can be adjusted by using an external resistor divider.
2
COMP
Error amplifier output. Compensate it with a 220pF capacitor
3
VFB
Error amplifier input. The output voltage can be adjusted by using an external resistor divider
connected to this pin (VFB = 0.6V).
4
GND
Ground.
5
LX
Switch node connection to the inductor.
6
VCC
Input voltage.
7
SYNC
This pin allows to select Low Noise/ Low Consumption Mode or to sychronize the device.
8LBO
Battery low voltage detector output. If the voltage at the LBI pin drops below the internal
thrshold, LBO goes low. The LBO is an open drain output. A pull_up resistor should be
connected between the pin and the output voltage
LBI
COMP
VFB
GND
1
3
2
4LX
VCC
SYNC
LBO
8
7
6
5
D01IN1239A/mod



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com