Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN5010AK-E Datasheet(PDF) 21 Page - STMicroelectronics

Part # VN5010AK-E
Description  High side driver with analog current sense for automotive applications
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5010AK-E Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VN5010AK-E Datasheet HTML 17Page - STMicroelectronics VN5010AK-E Datasheet HTML 18Page - STMicroelectronics VN5010AK-E Datasheet HTML 19Page - STMicroelectronics VN5010AK-E Datasheet HTML 20Page - STMicroelectronics VN5010AK-E Datasheet HTML 21Page - STMicroelectronics VN5010AK-E Datasheet HTML 22Page - STMicroelectronics VN5010AK-E Datasheet HTML 23Page - STMicroelectronics VN5010AK-E Datasheet HTML 24Page - STMicroelectronics VN5010AK-E Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
VN5010AK-E
Application information
21/31
3
Application information
Figure 26.
Application schematic
3.1
GND protection network against reverse battery
3.1.1
Solution 1 : resistor in the ground line (RGND only)
This can be used with any type of load.
The following is an indication on how to dimension the RGND resistor.
1.
RGND ≤600mV / (IS(on)max).
2.
RGND ≥ (−VCC) / (-IGND)
where -IGND is the DC reverse ground pin current and can be found in the absolute
maximum rating section of the device datasheet.
Power Dissipation in RGND (when VCC<0: during reverse battery situations) is:
PD= (-VCC)
2/ R
GND
This resistor can be shared amongst several different HSDs. Please note that the value of
this resistor should be calculated with formula (1) where IS(on)max becomes the sum of the
maximum on-state currents of the different devices.
Please note that if the microprocessor ground is not shared by the device ground then the
RGND will produce a shift (IS(on)max * RGND) in the input thresholds and the status output
values. This shift will vary depending on how many devices are ON in the case of several
high side drivers sharing the same RGND.
If the calculated power dissipation leads to a large resistor or several devices have to share
the same resistor then ST suggests to utilize Solution 2 (see below).
VCC
GND
OUTPUT
DGND
RGND
Dld
mC
+5V
VGND
IINPUT
Rprot
Rprot
CURRENT SENSE
Rprot
RSENSE
Cext
CS_DIS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com