Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7309 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7309
Description  DIGITAL CONTROLLED STEREO AUDIO PROCESSOR WITH LOUDNESS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7309 Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7309 Datasheet HTML 1Page - STMicroelectronics TDA7309 Datasheet HTML 2Page - STMicroelectronics TDA7309 Datasheet HTML 3Page - STMicroelectronics TDA7309 Datasheet HTML 4Page - STMicroelectronics TDA7309 Datasheet HTML 5Page - STMicroelectronics TDA7309 Datasheet HTML 6Page - STMicroelectronics TDA7309 Datasheet HTML 7Page - STMicroelectronics TDA7309 Datasheet HTML 8Page - STMicroelectronics TDA7309 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3/14
TDA7309
Table 5. Electrical Characteristcs (Refer to the test circuit, Tamb = 25°C, VS = 9V, RL = 10K
Ω, RG = 50Ω,
all controls flat (G = 0), f = 1KHz unless otherwise specified.)
(*) Hedevice work until 5V but no guarantee about SVR
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY
VS
Supply Voltage
5 (*)
9
10
V
IS
Supply Current
7
10
mA
SVR
Ripple Rejection
60
85
dB
INPUT SELECTORS
RI
Input Resistance
35
50
65
K
Ω
Sin
Input Separation
80
90
dB
VOLUME CONTROL
CRANGE
Control Range
92
dB
AVMAX
Max. Attenuation
87
92
95
dB
ASTEP
Step resolution
0.5
1
1.5
dB
EA
Attenuation Set Error
AV = 0 to -24dB
-1.2
1.2
dB
AV = -24 to -56dB
-3
2
dB
ET
Tracking Error
2dB
VDC
DC Steps
adjacent attenuation steps
0
3
mV
from 0dB to AV max
0.5
5
mV
Amute
Output Mute Attenuation
80
100
dB
SOFT MUTE
Td
Delay Time
Csmute = 22nF; 0 to –20dB
Fast Mode
1
ms
Slow Mode
20
ms
AUDIO OUTPUTS
VCLIP
Clipping Level
d = 0.3%
2
2.6
Vrms
RL
Output Load Resistance
2
K
Ω
Rout
Output Impedance
100
200
300
Ω
VDC
DC Voltage Level
3.8
V
GENERAL
eNO
Output Noise
BW = 20-20KHz, flat; output
muted
2.5
µV
all gains = 0dB
5
15
µV
A curve all gains = 0dB
3
µV
Et
Total Tracking Error
AV = 0 to –24dB
AV = -24 to –56dB
0
0
1
2
dB
dB
S/N
Signal to Noise Ratio
all gains = 0dB; VO = 1Vrms
95
106
dB
d
Distortion
0.01
0.1
%
SC
Channel Separation
80
100
dB
BUS INPUTS
VIL
Input Low Voltage
1V
VIH
Input High Voltage
3
V
IIN
Input Current
Vin = 0.4V
-5
+5
µA
VO
Output Voltage SDA Acknowledge
IO = 1.6mA
0.4
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com