Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7402 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7402
Description  Car radio signal processor
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7402 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7402 Datasheet HTML 11Page - STMicroelectronics TDA7402 Datasheet HTML 12Page - STMicroelectronics TDA7402 Datasheet HTML 13Page - STMicroelectronics TDA7402 Datasheet HTML 14Page - STMicroelectronics TDA7402 Datasheet HTML 15Page - STMicroelectronics TDA7402 Datasheet HTML 16Page - STMicroelectronics TDA7402 Datasheet HTML 17Page - STMicroelectronics TDA7402 Datasheet HTML 18Page - STMicroelectronics TDA7402 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 71 page
background image
TDA7402
Audioprocessor part features:
15/71
3
Audioprocessor part features:
Input multiplexer
2 fully differential CD stereo inputs with programmable attenuation
1 single ended stereo input
2 differential mono input
1 single ended mono input
In-gain 0..15dB, 1dB steps
internal offset cancellation (AutoZero)
separate second source selector
Beep
internal beep with 4 frequencies
Mixing stage
Beep, phone and navigation mixable to all speaker outputs
Loudness
programmable center frequency and frequency response
15 x 1dB steps
selectable flat-mode (constant attenuation)
Volume
0.5dB attenuator
100dB range
soft-step control with programmable times
Compander
dynamic range compression for use with CD
2:1 compression rate
programmable max. gain
Bass
2nd order frequency response
center frequency programmable in 8 steps
DC gain programmable
–+ 15 x 1dB steps
Treble
2nd order frequency response
center frequency programmable in 4 steps
–+15 x 1dB steps
Voice Bandpass
2nd order butterworth highpass filter with programmable cut off frequency
2nd order butterworth lowpass filter with programmable cut off frequency
selectable flat mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com