Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7391PD Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7391PD
Description  32 W bridge car radio amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7391PD Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7391PD Datasheet HTML 1Page - STMicroelectronics TDA7391PD Datasheet HTML 2Page - STMicroelectronics TDA7391PD Datasheet HTML 3Page - STMicroelectronics TDA7391PD Datasheet HTML 4Page - STMicroelectronics TDA7391PD Datasheet HTML 5Page - STMicroelectronics TDA7391PD Datasheet HTML 6Page - STMicroelectronics TDA7391PD Datasheet HTML 7Page - STMicroelectronics TDA7391PD Datasheet HTML 8Page - STMicroelectronics TDA7391PD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TDA7391PD
Test and application circuit, block diagram
3/11
1
Test and application circuit, block diagram
Figure 1.
Test and application circuit
Figure 2.
Block diagram
14
15
9
IN-
C2 0.22
μF
C1 0.22
μF
IN+
4
ST-BY
8 1,10,11,20
OUT+
OUT-
2
19
17
Vref
CD
TDA7391PD
D98AU871
R1
4.7K
Ω
C4 1000
μF
GND
R2
56K
Ω
C3
33
μF
C5 100nF
516
TO
μC
+VS
VS
SW1
12
+
-
516
VCC1
VCC2
REFERENCES
STANDBY THRESHOLD
SHORT CIRCUIT
DUMP & THERMAL
PROTECTION
ICM
14
15
COMMON
MODE
-
+
VCC/2
-
+
gm
+
-
MUTE THRESHOLD
PROGRAMMABLE
CURRENT CIRCUIT
LTS
V=f (Tj)
POWER AMP
POWER AMP
THD
DETECT
LTS
DISABLE
8
94
19
17
2
IN-
IN+
OUT-
CD
OUT+
12
MUTE
SYNC
S-GND
STANDBY
D98AU872
VS
P-GND
1,10,11,20



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com