Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M54HC257 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC257
Description  RAD-HARD QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC257 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC257 Datasheet HTML 1Page - STMicroelectronics M54HC257 Datasheet HTML 2Page - STMicroelectronics M54HC257 Datasheet HTML 3Page - STMicroelectronics M54HC257 Datasheet HTML 4Page - STMicroelectronics M54HC257 Datasheet HTML 5Page - STMicroelectronics M54HC257 Datasheet HTML 6Page - STMicroelectronics M54HC257 Datasheet HTML 7Page - STMicroelectronics M54HC257 Datasheet HTML 8Page - STMicroelectronics M54HC257 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
April 2004
s
HIGH SPEED:
tPD =11ns (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA =25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =6mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 257
s
SPACE GRADE-1: ESA SCC QUALIFIED
s
50 krad QUALIFIED, 100 krad AVAILABLE ON
REQUEST
s
NO SEL UNDER HIGH LET HEAVY IONS
IRRADIATION
s
DEVICE FULLY COMPLIANT WITH
SCC-9408-047
DESCRIPTION
The M54HC257 is an high speed CMOS QUAD 2
CHANNEL MULTIPLEXER (3-STATE) fabricated
with silicon gate C2MOS technology.
This IC is composed of an independent 2-channel
multiplexer with common SELECT and ENABLE
(OE) input.
The M74HC257 is a non-inverting multiplexer.
When the ENABLE input is held "High", outputs of
the IC become in a High-Impedance state. If
SELECT input is held low, "A" data is selected,
when SELECT is high, "B" data is chosen.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M54HC257
RAD-HARD QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
PIN CONNECTION
ORDER CODES
PACKAGE
FM
EM
DILC
M54HC257D
M54HC257D1
FPC
M54HC257K
M54HC257K1
DILC-16
FPC-16


Similar Part No. - M54HC257

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC257 STMICROELECTRONICS-M54HC257 Datasheet
259Kb / 12P
HC258QUAD 2CHANNEL MULTIPLEXER 3-STATE, INVERTING HC257 QUAD 2 CHANNEL MULTIPLEXER 3-STATE
Oct-1992
M54HC257 STMICROELECTRONICS-M54HC257 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC257B1R STMICROELECTRONICS-M54HC257B1R Datasheet
259Kb / 12P
HC258QUAD 2CHANNEL MULTIPLEXER 3-STATE, INVERTING HC257 QUAD 2 CHANNEL MULTIPLEXER 3-STATE
Oct-1992
M54HC257C1R STMICROELECTRONICS-M54HC257C1R Datasheet
259Kb / 12P
HC258QUAD 2CHANNEL MULTIPLEXER 3-STATE, INVERTING HC257 QUAD 2 CHANNEL MULTIPLEXER 3-STATE
Oct-1992
M54HC257F1R STMICROELECTRONICS-M54HC257F1R Datasheet
259Kb / 12P
HC258QUAD 2CHANNEL MULTIPLEXER 3-STATE, INVERTING HC257 QUAD 2 CHANNEL MULTIPLEXER 3-STATE
Oct-1992
More results

Similar Description - M54HC257

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC257 STMICROELECTRONICS-74AC257 Datasheet
287Kb / 11P
QUAD 2 CHANNEL MULTIPLEXER 3-STATE
Apr-2001
74VHCT257A STMICROELECTRONICS-74VHCT257A Datasheet
70Kb / 10P
QUAD 2 CHANNEL MULTIPLEXER 3-STATE
Mar-2000
logo
Toshiba Semiconductor
TC74VHC257F TOSHIBA-TC74VHC257F Datasheet
235Kb / 7P
QUAD 2-CHANNEL MULTIPLEXER (3-STATE)
logo
STMicroelectronics
M54HC125 STMICROELECTRONICS-M54HC125 Datasheet
117Kb / 9P
RAD-HARD QUAD BUS BUFFER (3-STATE)
Mar-2004
74VHCT257A STMICROELECTRONICS-74VHCT257A_04 Datasheet
311Kb / 13P
QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
16-Dec-2004
M54HC253 STMICROELECTRONICS-M54HC253_04 Datasheet
229Kb / 10P
RAD-HARD DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT
Apr-2004
M54HC251 STMICROELECTRONICS-M54HC251_04 Datasheet
257Kb / 10P
RAD-HARD 8-CHANNEL MULTIPLEXER (3-STATE)
Apr-2004
M54HC157 STMICROELECTRONICS-M54HC157_04 Datasheet
237Kb / 9P
RAD-HARD QUAD 2 CHANNEL MULTIPLEXER
01-Jun-2004
M54HC158 STMICROELECTRONICS-M54HC158_04 Datasheet
228Kb / 10P
RAD-HARD QUAD 2 CHANNEL MULTIPLEXER (INV.)
30-Apr-2004
logo
Toshiba Semiconductor
TC74VHC257F TOSHIBA-TC74VHC257F_12 Datasheet
224Kb / 9P
Quad 2-Channel Multiplexer (3-state)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com