Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M54HC251 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC251
Description  RAD-HARD 8-CHANNEL MULTIPLEXER (3-STATE)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC251 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC251 Datasheet HTML 1Page - STMicroelectronics M54HC251 Datasheet HTML 2Page - STMicroelectronics M54HC251 Datasheet HTML 3Page - STMicroelectronics M54HC251 Datasheet HTML 4Page - STMicroelectronics M54HC251 Datasheet HTML 5Page - STMicroelectronics M54HC251 Datasheet HTML 6Page - STMicroelectronics M54HC251 Datasheet HTML 7Page - STMicroelectronics M54HC251 Datasheet HTML 8Page - STMicroelectronics M54HC251 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
April 2004
s
HIGH SPEED:
tPD =17ns (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 251
s
SPACE GRADE-1: ESA SCC QUALIFIED
s
50 krad QUALIFIED, 100 krad AVAILABLE ON
REQUEST
s
NO SEL UNDER HIGH LET HEAVY IONS
IRRADIATION
s
DEVICE FULLY COMPLIANT WITH
SCC-9408-048
DESCRIPTION
The
M54HC251
is
an
high
speed
CMOS
8-CHANNEL
MULTIPLEXER
(3-STATE)
fabricated with silicon gate C2MOS technology.
This Multiplexer features both true (Y) and
complement (W) outputs as well as STROBE
input. When the STROBE is high, both outputs are
in the high impedance state. When enabled,
address information on the data select inputs
determines which data input is routed to Y and W.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M54HC251
RAD-HARD 8-CHANNEL MULTIPLEXER (3-STATE)
PIN CONNECTION
ORDER CODES
PACKAGE
FM
EM
DILC
M54HC251D
M54HC251D1
FPC
M54HC251K
M54HC251K1
DILC-16
FPC-16


Similar Part No. - M54HC251

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC251 STMICROELECTRONICS-M54HC251 Datasheet
249Kb / 11P
8 BIT SIPO SHIFT REGISTER
Feb-1993
M54HC251 STMICROELECTRONICS-M54HC251 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC251D STMICROELECTRONICS-M54HC251D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC251F1R STMICROELECTRONICS-M54HC251F1R Datasheet
249Kb / 11P
8 BIT SIPO SHIFT REGISTER
Feb-1993
M54HC251K STMICROELECTRONICS-M54HC251K Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
More results

Similar Description - M54HC251

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC251 FAIRCHILD-MM74HC251 Datasheet
74Kb / 7P
8-Channel 3-STATE Multiplexer
logo
Toshiba Semiconductor
TC74HC251AP TOSHIBA-TC74HC251AP Datasheet
264Kb / 6P
8 CHANNEL MULTIPLEXER (3 STATE)
TC74HC251AP TOSHIBA-TC74HC251AP_07 Datasheet
309Kb / 9P
8-Channel Multiplexer (3-state)
logo
STMicroelectronics
M54HC4051 STMICROELECTRONICS-M54HC4051_04 Datasheet
289Kb / 12P
RAD-HARD SINGLE 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
14-May-2004
M54HC257 STMICROELECTRONICS-M54HC257_04 Datasheet
168Kb / 10P
RAD-HARD QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
Apr-2004
M54HC253 STMICROELECTRONICS-M54HC253_04 Datasheet
229Kb / 10P
RAD-HARD DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT
Apr-2004
M54HC157 STMICROELECTRONICS-M54HC157_04 Datasheet
237Kb / 9P
RAD-HARD QUAD 2 CHANNEL MULTIPLEXER
01-Jun-2004
M54HC158 STMICROELECTRONICS-M54HC158_04 Datasheet
228Kb / 10P
RAD-HARD QUAD 2 CHANNEL MULTIPLEXER (INV.)
30-Apr-2004
M54HC151 STMICROELECTRONICS-M54HC151_04 Datasheet
230Kb / 11P
RAD-HARD 8 CHANNEL MULTIPLEXER
Mar-2004
M54HC153 STMICROELECTRONICS-M54HC153_04 Datasheet
338Kb / 9P
RAD-HARD DUAL 4 CHANNEL MULTIPLEXER
Mar-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com