Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48T212V Datasheet(PDF) 12 Page - STMicroelectronics

Part # M48T212V
Description  3.3V TIMEKEEPER supervisor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T212V Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M48T212V Datasheet HTML 8Page - STMicroelectronics M48T212V Datasheet HTML 9Page - STMicroelectronics M48T212V Datasheet HTML 10Page - STMicroelectronics M48T212V Datasheet HTML 11Page - STMicroelectronics M48T212V Datasheet HTML 12Page - STMicroelectronics M48T212V Datasheet HTML 13Page - STMicroelectronics M48T212V Datasheet HTML 14Page - STMicroelectronics M48T212V Datasheet HTML 15Page - STMicroelectronics M48T212V Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Operation
M48T212V
12/35
Table 5.
Read mode AC characteristics
2.3
Write mode
The M48T212V is in the WRITE Mode whenever W (WRITE Enable) and E (Chip Enable)
are in a low state after the address inputs are stable. The start of a WRITE is referenced
from the latter occurring falling edge of W or E. A WRITE is terminated by the earlier rising
edge of W or E. The addresses must be held valid throughout the cycle. E or W must return
high for a minimum of tEHAX from Chip Enable or tWHAX from WRITE Enable prior to the
initiation of another READ or WRITE cycle. Data-in must be valid tDVWH prior to the end of
WRITE and remain valid for tWHDX afterward.
G should be kept high during WRITE cycles to avoid bus contention; although, if the output
bus has been activated by a low on E and G a low on W will disable the outputs tWLQZ after
W falls.
When E is low during the WRITE, one of the on-board TIMEKEEPER® registers will be
selected and data will be written into the device. When EX is low (and E is high) an external
SRAM location is selected.
Note:
Care should be taken to avoid taking both E and EX low simultaneously to avoid bus
contention.
Symbol
Parameter(1)
1.
Valid for ambient operating temperature: TA = 0 to 70°C; VCC = 3.0 to 3.6V (except where noted).
M48T212V
Unit
–85
Min
Max
tAVAV
Read cycle time
85
ns
tAVQV
Address valid to output valid
85
ns
tELQV
Chip enable low to output valid
85
ns
tGLQV
Output enable low to output valid
35
ns
tELQX
(2)
2.
CL = 5pF.
Chip enable low to output transition
5
ns
tGLQX
(2)
Output enable low to output transition
0
ns
tEHQZ
(2)
Chip enable high to output Hi-Z
25
ns
tGHQZ
(2)
Output enable high to output Hi-Z
25
ns
tAXQX
Address transition to output transition
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com