Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48Z02 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M48Z02
Description  5V, 16Kbit (2Kb x 8) ZEROPOWER SRAM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z02 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M48Z02 Datasheet HTML 4Page - STMicroelectronics M48Z02 Datasheet HTML 5Page - STMicroelectronics M48Z02 Datasheet HTML 6Page - STMicroelectronics M48Z02 Datasheet HTML 7Page - STMicroelectronics M48Z02 Datasheet HTML 8Page - STMicroelectronics M48Z02 Datasheet HTML 9Page - STMicroelectronics M48Z02 Datasheet HTML 10Page - STMicroelectronics M48Z02 Datasheet HTML 11Page - STMicroelectronics M48Z02 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Operation modes
M48Z02, M48Z12
8/20
Figure 4.
Read mode AC waveforms
Note:
WRITE Enable (W) = High.
Table 3.
Read mode AC characteristics
2.2
Write mode
The M48Z02/12 is in the WRITE Mode whenever W and E are active. The start of a WRITE
is referenced from the latter occurring falling edge of W or E. A WRITE is terminated by the
earlier rising edge of W or E. The addresses must be held valid throughout the cycle. E or W
must return high for a minimum of tEHAX from Chip Enable or tWHAX from WRITE Enable
prior to the initiation of another READ or WRITE cycle. Data-in must be valid tDVWH prior to
the end of WRITE and remain valid for tWHDX afterward. G should be kept high during
WRITE cycles to avoid bus contention; although, if the output bus has been activated by a
low on E and G, a low on W will disable the outputs tWLQZ after W falls.
Symbol
Parameter(1)
1.
Valid for ambient operating temperature: TA = 0 to 70°C or –40 to 85°C; VCC = 4.75 to 5.5V or 4.5 to 5.5V (except where
noted).
M48Z02/M48Z12
Unit
–70
–150
–200
Min
Max
Min
Max
Min
Max
tAVAV
READ cycle time
70
150
200
ns
tAVQV
Address valid to output valid
70
150
200
ns
tELQV
Chip enable low to output valid
70
150
200
ns
tGLQV
Output enable low to output valid
35
75
80
ns
tELQX
Chip enable low to output transition
5
10
10
ns
tGLQX
Output enable low to output transition
5
5
5
ns
tEHQZ
Chip enable high to output Hi-Z
25
35
40
ns
tGHQZ
Output enable high to output Hi-Z
25
35
40
ns
tAXQX
Address transition to output transition
10
5
5
ns
AI01330
tAVAV
tAVQV
tAXQX
tELQV
tELQX
tEHQZ
tGLQV
tGLQX
tGHQZ
VALID
A0-A10
E
G
DQ0-DQ7
VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com