Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48T58-70MH1FE Datasheet(PDF) 21 Page - STMicroelectronics

Part # M48T58-70MH1FE
Description  5.0V, 64 Kbit (8 Kb x 8) TIMEKEEPER SRAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T58-70MH1FE Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M48T58-70MH1FE Datasheet HTML 17Page - STMicroelectronics M48T58-70MH1FE Datasheet HTML 18Page - STMicroelectronics M48T58-70MH1FE Datasheet HTML 19Page - STMicroelectronics M48T58-70MH1FE Datasheet HTML 20Page - STMicroelectronics M48T58-70MH1FE Datasheet HTML 21Page - STMicroelectronics M48T58-70MH1FE Datasheet HTML 22Page - STMicroelectronics M48T58-70MH1FE Datasheet HTML 23Page - STMicroelectronics M48T58-70MH1FE Datasheet HTML 24Page - STMicroelectronics M48T58-70MH1FE Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
M48T58, M48T58Y
DC and AC parameters
21/31
8
DC and AC parameters
This section summarizes the operating and measurement conditions, as well as the DC and
AC characteristics of the device. The parameters in the following DC and AC Characteristic
tables are derived from tests performed under the Measurement Conditions listed in Table 7.
Designers should check that the operating conditions in their projects match the
measurement conditions when using the quoted parameters.
Table 7.
Operating and AC measurement conditions
Note:
Output Hi-Z is defined as the point where data is no longer driven.
Figure 11.
AC measurement load circuit
Table 8.
Capacitance
Parameter
M48T58
M48T58Y
Unit
Supply Voltage (VCC)
4.75 to 5.5
4.5 to 5.5
V
Ambient Operating Temperature (TA)
0 to 70
0 to 70
°C
Load Capacitance (CL)100
100
pF
Input Rise and Fall Times
≤ 5
≤ 5ns
Input Pulse Voltages
0 to 3
0 to 3
V
Input and Output Timing Ref. Voltages
1.5
1.5
V
Symbol
Parameter(1)(2)
1.
Effective capacitance measured with power supply at 5V; sampled only, not 100% tested.
2.
At 25°C, f = 1MHz.
Min
Max
Unit
CIN
Input Capacitance
10
pF
COUT
(3)
3.
Outputs deselected.
Output Capacitance
10
pF
AI01030
5V
OUT
CL = 100pF or 5pF
CL includes JIG capacitance
1.9k
Ω
DEVICE
UNDER
TEST
1k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com