Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M48T35-70PC1 Datasheet(PDF) 27 Page - STMicroelectronics

Part # M48T35-70PC1
Description  5V, 256 Kbit (32 Kb x 8) TIMEKEEPER SRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T35-70PC1 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M48T35-70PC1 Datasheet HTML 21Page - STMicroelectronics M48T35-70PC1 Datasheet HTML 22Page - STMicroelectronics M48T35-70PC1 Datasheet HTML 23Page - STMicroelectronics M48T35-70PC1 Datasheet HTML 24Page - STMicroelectronics M48T35-70PC1 Datasheet HTML 25Page - STMicroelectronics M48T35-70PC1 Datasheet HTML 26Page - STMicroelectronics M48T35-70PC1 Datasheet HTML 27Page - STMicroelectronics M48T35-70PC1 Datasheet HTML 28Page - STMicroelectronics M48T35-70PC1 Datasheet HTML 29Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
M48T35 M48T35Y
Part numbering
27/29
Table 18.
SNAPHAT battery table
Part number
Description
Package
M4T28-BR12SH
Lithium Battery (48mAh) SNAPHAT
SH
M4T32-BR12SH
Lithium Battery (120mAh) SNAPHAT
SH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com