Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7540N Datasheet(PDF) 27 Page - STMicroelectronics

Part # TDA7540N
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system (ISS)
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7540N Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TDA7540N Datasheet HTML 23Page - STMicroelectronics TDA7540N Datasheet HTML 24Page - STMicroelectronics TDA7540N Datasheet HTML 25Page - STMicroelectronics TDA7540N Datasheet HTML 26Page - STMicroelectronics TDA7540N Datasheet HTML 27Page - STMicroelectronics TDA7540N Datasheet HTML 28Page - STMicroelectronics TDA7540N Datasheet HTML 29Page - STMicroelectronics TDA7540N Datasheet HTML 30Page - STMicroelectronics TDA7540N Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 76 page
background image
TDA7540N
Functional description
27/76
4
Functional description
4.1
FM section
4.1.1
Mixer1, AGC and 1.IF
FM quadrature I/Q-mixer converts FM RF to IF1 of 10.7MHz. The mixer provides inherent
image rejection and wide dynamic range with low noise and large input signal performance.
The mixer1 tank can be adjusted by software (IF1T). For accurate image rejection the
phase-error of I/Q can be compensated by software (PH)
It is capable of tuning the US FM, US weather, Europe FM, Japan FM and East Europe FM
bands
US FM = 87.9 to 107.9 MHz
US weather = 162.4 to 162.55 MHz
Europe FM = 87.5 to 108 MHz
Japan FM = 76 to 91 MHz
East Europe FM = 65.8 to 74 MHz
The AGC operates on different sensitivities and bandwidths in order to improve the input
sensitivity and dynamic range. AGC thresholds are programmable by software
(RFAGC,IFAGC,KAGC). The output signal is a controlled current for pin diode attenuator.
A 10.7MHz programmable amplifier (IFG1) correct the IF ceramic insertion loss and the
costumer level plan application.
4.1.2
Mixer2, limiter and demodulator
In this 2nd mixer stage the first 10.7MHz IF is converted into the second 450kHz IF. A multi-
stage limiter generates signals for the complete integrated demodulator including spike
cancellation (DNB). MPX output DC offset versus noise DC level is correctable by software
(DEM), if tuner softmute is activated.
4.1.3
Quality detection and ISS
Fieldstrength
Parallel to mixer2 input a 10.7MHz limiter generates a signal for digital IF counter and a
fieldstrength output signal. This internal unweighted fieldstrength is used for keying AGC,
adjacent channel and multipath detection and is available at PIN22 (FSU) after +6dB buffer
stage. It is possible to combinate the IF counter result with this FSU via programmable
comparator (SSTH). The behaviour of FSU signal can be corrected for DC offset (SL) and
slope (SMSL). The generated unweighted fieldstrength is externally filtered and used for
softmute function and generation of ISS filter switching signal for weak input level (sm).
Adjacent channel detector
The input of the adjacent channel detector is AC coupled from internal unweighted
fieldstrength. A programmable highpass or bandpass (ACF) and amplifier (ACG) as well as
rectifier determines the influences. This voltage is compared with adjustable comparator1
thresholds (ACWTH, ACNTH). The output signal of this comparator generates a DC level at
PIN27 by programmable time constant. Time control (TISS) for a present adjacent channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com