Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M74HC253 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC253
Description  DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC253 Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC253 Datasheet HTML 1Page - STMicroelectronics M74HC253 Datasheet HTML 2Page - STMicroelectronics M74HC253 Datasheet HTML 3Page - STMicroelectronics M74HC253 Datasheet HTML 4Page - STMicroelectronics M74HC253 Datasheet HTML 5Page - STMicroelectronics M74HC253 Datasheet HTML 6Page - STMicroelectronics M74HC253 Datasheet HTML 7Page - STMicroelectronics M74HC253 Datasheet HTML 8Page - STMicroelectronics M74HC253 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
M74HC253
2/11
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
Z : High Impedance
PIN No
SYMBOL
NAME AND FUNCTION
1, 15
1G, 2G
Output Enable Inputs
14, 2
A, B
Common Data Select
Inputs
6, 5, 4, 3
1C0 to 1C3
Data Inputs From
Source 1
7, 9
1Y, 2Y
3 State Multiplexer
Outputs
10, 11, 12,
13
2C0 to 2C3
Data Inputs From
Source 2
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
SELECT INPUTS
DATA INPUTS
STROBE
OUTPUT Y
BA
C0
C1
C2
C3
G
XXXXXX
HZ
LLL
X
X
X
LL
L
L
H
X
X
XLH
LH
X
L
X
XL
L
L
HXHX
X
L
H
H
L
X
XLX
L
L
HL
X
X
H
XLH
H
H
XXX
L
L
L
H
H
XXX
HL
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com