Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7449D Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7449D
Description  TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7449D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7449D Datasheet HTML 2Page - STMicroelectronics TDA7449D Datasheet HTML 3Page - STMicroelectronics TDA7449D Datasheet HTML 4Page - STMicroelectronics TDA7449D Datasheet HTML 5Page - STMicroelectronics TDA7449D Datasheet HTML 6Page - STMicroelectronics TDA7449D Datasheet HTML 7Page - STMicroelectronics TDA7449D Datasheet HTML 8Page - STMicroelectronics TDA7449D Datasheet HTML 9Page - STMicroelectronics TDA7449D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TDA7449
6/19
3
APLICATION SUGGESTIONS
The first and the last stages are volume control blocks. The control range is 0 to -47dB (mute) for the first
one, 0 to -79dB (mute) for the last one. Both of them have 1dB step resolution. The very high resolution
allows the implementation of systems free from any noisy acoustical effect. The TDA7449 audioprocessor
provides 2 bands tones control.
3.1 Bass, Stages
The Bass cell has an internal resistor Ri = 25K
Ω typical. Several filter types can be implemented, connect-
ing external components to the Bass IN and OUT pins. The fig.6 refers to basic T Type Bandpass Filter
starting from the filter component values (R1 internal Fc, the gain Av at max. boost and the filter Q factor
are computed as follows:
Figure 6.
Viceversa, once Fc, Av, and Ri internal value are fixed, the external components values will be:
3.2 Treble Stage
The treble stage is a high pass filter whose time constant is fixed by an internal resistor (25K
Ω typical) and
an external capacitor connected between treble pins and ground Typical responses are reported in Figg.
10 to 13.
3.3 CREF
The suggested 10
µF reference capacitor (CREF) value can be reduced to 4.7µF if the application requires
faster power ON.
Ri internal
C2
OUT
IN
C1
R2
D95AU313
F
C
1
2
π
R1 R2 C 1 C2
⋅⋅
⋅
⋅⋅
-----------------------------------------------------------------
=
A
V
R2C 2
R2C1
RiC1
++
R2 C1
R2C2
+
------------------------------------------------------------
=
Q
R 1 R2 C1 C2
⋅⋅
⋅
R 2C1
R2C2
+
--------------------------------------------------
=
C1
A
V
1
–
2
π Fc Ri Q
⋅⋅
⋅
⋅
------------------------------------------
C2
Q
2
C1
⋅
A
V
1
–
Q
2
–
------------------------------
=
=
R2
A
V
1
–
Q
2
–
2
π C1 Fc A
V
1
–
() Q
⋅⋅
⋅⋅
⋅
----------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com