Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7463AD Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7463AD
Description  LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7463AD Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7463AD Datasheet HTML 4Page - STMicroelectronics TDA7463AD Datasheet HTML 5Page - STMicroelectronics TDA7463AD Datasheet HTML 6Page - STMicroelectronics TDA7463AD Datasheet HTML 7Page - STMicroelectronics TDA7463AD Datasheet HTML 8Page - STMicroelectronics TDA7463AD Datasheet HTML 9Page - STMicroelectronics TDA7463AD Datasheet HTML 10Page - STMicroelectronics TDA7463AD Datasheet HTML 11Page - STMicroelectronics TDA7463AD Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TDA7463AD
8/13
5.2 ALC IN general:
5.2.1 VOLUME setting with ALC
Target
Volume
[dB]
Volume
[dB]
Output Gain
0/+14dB
0/+14dB
Output Attenuation
0/-10dB
[dB]
0-14
+14
0
-1
-15
-2
-16
-3
-17
-4
-18
-5
-19
-6
-20
-7
-21
-8
-22
-9
-23
-10
-24
-11
-25
-12
-26
-13
-27
-14
-14
0
0
-15
-15
-16
-16
-17
-17
-18
-18
-19
-19
-20
-20
-21
-21
-22
-22
-23
-23
-24
-140-10
-25
-15
-26
-16
-27
-17
::
::
-70
-60
-71
-61
-72
-62
-73
-63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com