Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7490L Datasheet(PDF) 7 Page - STMicroelectronics

Part # TDA7490L
Description  20W 20W STEREO CLASS-D AMPLIFIER 40W MONO IN BTL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7490L Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TDA7490L Datasheet HTML 3Page - STMicroelectronics TDA7490L Datasheet HTML 4Page - STMicroelectronics TDA7490L Datasheet HTML 5Page - STMicroelectronics TDA7490L Datasheet HTML 6Page - STMicroelectronics TDA7490L Datasheet HTML 7Page - STMicroelectronics TDA7490L Datasheet HTML 8Page - STMicroelectronics TDA7490L Datasheet HTML 9Page - STMicroelectronics TDA7490L Datasheet HTML 10Page - STMicroelectronics TDA7490L Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7/11
TDA7490L
Figure 7. Distortion vs. Output Power
Figure 8. Distortion vs. Output Power
Figure 9. Crosstalk vs. Frequency
Figure 10. Frequency Response
Figure 11. Power Dissipation vs. Output Power
Figure 12. Distortion vs. Output Power in BTL
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
200m
30
500m
1
2
5
10
20
Pout (W)
THD (%)
Stereo
Vcc=+/-19V
Rl = 8 ohm
f = 1KHz
Filter AES
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
200m
30
500m
1
2
5
10
20
Pout (W)
THD (%)
Stereo
Vcc=+/-19V
Rl = 8 ohm
f = 1KHz
Filter AES
THD (%)
Stereo
Vcc=+/-19V
Rl = 8 ohm
f = 1KHz
Filter AES
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
200m
20
500m
1
2
5
10
THD(%)
Pout(W)
Stereo
Vs=+/-13.5V, Rl=4Ohm
f = 1KHz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
200m
20
500m
1
2
5
10
THD(%)
Pout(W)
Stereo
Vs=+/-13.5V, Rl=4Ohm
f = 1KHz
0.001
0.01
0.1
1
f(KHz)
111
CT
(dB)
-20
-30
-40
-50
-60
-70
-80
-90
-100
VS ± 17V;
Rl=8
Ω;
0dB=1W
D99AU1102
0.01
0.1
1
10
f(KHz)
-14
-12
-10
-8
-6
-4
-2
0
2
AMP
(dB)
VS= ±17V;
Rl= 8
Ω;
0dB= 1W
D99AU1103
Ptot(W)
0
1
2
3
4
5
6
7
8
0.5
2468
10
12
14
16
18
20
2xPo(W)
Vs=± 19V
Rl = 8 ohm
f = 1KHz
Ptot(W)
0
1
2
3
4
5
6
7
8
0.5
2468
10
12
14
16
18
20
2xPo(W)
Vs=± 19V
Rl = 8 ohm
f = 1KHz
0
1
2
3
4
5
6
7
8
0.5
2468
10
12
14
16
18
20
2xPo(W)
Vs=± 19V
Rl = 8 ohm
f = 1KHz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
200m
50
500m
1
2
5
10
20
Pout (W)
THD (%)
BTL
Vcc=+/-15.5 V
Rl = 8ohm
f = 1KHZ
Filter AES
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
200m
50
500m
1
2
5
10
20
Pout (W)
THD (%)
BTL
Vcc=+/-15.5 V
Rl = 8ohm
f = 1KHZ
Filter AES



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com