Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7495S Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA7495S
Description  11W 11W AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7495S Datasheet(HTML) 3 Page - STMicroelectronics

  TDA7495S Datasheet HTML 1Page - STMicroelectronics TDA7495S Datasheet HTML 2Page - STMicroelectronics TDA7495S Datasheet HTML 3Page - STMicroelectronics TDA7495S Datasheet HTML 4Page - STMicroelectronics TDA7495S Datasheet HTML 5Page - STMicroelectronics TDA7495S Datasheet HTML 6Page - STMicroelectronics TDA7495S Datasheet HTML 7Page - STMicroelectronics TDA7495S Datasheet HTML 8Page - STMicroelectronics TDA7495S Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/10
TDA7495S
THD
Total Harmonic Distortion
Gv = 30dB; PO = 1W; f = 1KHz
0.4
%
Ipeak
Output Peak Current
(internally limited)
1.7
2.4
A
VIN
Input Signal
2.8
Vrms
GV
Closed Loop Gain
28.5
30
31.5
dB
BW
0.6
MHz
eN
Total Output Noise
f = 20Hz to 22KHz
PLAY,
500
800
µV
f = 20Hz to 22KHz
MUTE
60
150
µV
SR
Slew Rate
5
8
V/
µs
Ri
Input Resistance
22.5
30
K
Ω
SVR
Supply Voltage Rejection
f = 1KHz; max volume
CSVR = 470µF; VRIP = 1Vrms
35
39
dB
f = 1KHz; max attenuation
CSVR = 470µF; VRIP = 1Vrms
55
65
dB
TM
Thermal Muting
150
°C
TS
Thermal Shut-down
160
°C
MUTE & INPUT SELECTION FUNCTIONS
VST-BY
Stand-by ON Threshold
2.3
2.5
2.7
V
VMUTE
Mute Threshold
2.3
2.5
2.7
V
IqST-BY
Quiescent Current @ Stand-by
0.6
1
mA
AMUTE
Mute Threshold
50
65
V
IstbyBIAS
Stand-by bias current
Stand by ON: VST-BY = 5V;
Vmute = 5V
80
µA
Play or Mute
-20
-5
µA
ImuteBIAS Mute Bias Current
Mute
1
5
µA
Play
0.2
2
µA
ELECTRICAL CHARACTERISTCS (Refer to the test circuit Vs = 20V; RL = 8
Ω, Rg = 50Ω, Tamb = 25°C)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com