Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M54HC4075K Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC4075K
Description  RAD-HARD TRIPLE 3-INPUT OR GATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC4075K Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC4075K Datasheet HTML 1Page - STMicroelectronics M54HC4075K Datasheet HTML 2Page - STMicroelectronics M54HC4075K Datasheet HTML 3Page - STMicroelectronics M54HC4075K Datasheet HTML 4Page - STMicroelectronics M54HC4075K Datasheet HTML 5Page - STMicroelectronics M54HC4075K Datasheet HTML 6Page - STMicroelectronics M54HC4075K Datasheet HTML 7Page - STMicroelectronics M54HC4075K Datasheet HTML 8Page - STMicroelectronics M54HC4075K Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
May 2004
s
HIGH SPEED:
tPD = 9 ns (TYP.) at VCC =6V
s
LOW POWER DISSIPATION:
ICC =1µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|= IOL =4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 4075
s
SPACE GRADE-1: ESA SCC QUALIFIED
s
50 krad QUALIFIED, 100 krad AVAILABLE ON
REQUEST
s
NO SEL UNDER HIGH LET HEAVY IONS
IRRADIATION
s
DEVICE FULLY COMPLIANT WITH
SCC-9201-129
DESCRIPTION
The M54HC4075 is an high speed CMOS TRIPLE
3-INPUT OR GATE fabricated with silicon gate
C2MOS technology.
The internal circuit is composed of 4 stages
including buffer output, which enables high noise
immunity and stable output.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M54HC4075
RAD-HARD TRIPLE 3-INPUT OR GATE
PIN CONNECTION
ORDER CODES
PACKAGE
FM
EM
DILC
M54HC4075D
M54HC4075D1
FPC
M54HC4075K
M54HC4075K1
DILC-14
FPC-14
Rev. 1


Similar Part No. - M54HC4075K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC4075K STMICROELECTRONICS-M54HC4075K Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
More results

Similar Description - M54HC4075K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4075B STMICROELECTRONICS-HCF4075B Datasheet
139Kb / 7P
TRIPLE 3 INPUT OR GATE
2001-Sep
M54HC10 STMICROELECTRONICS-M54HC10_04 Datasheet
104Kb / 8P
RAD-HARD TRIPLE 3-INPUT NAND GATE
Mar-2004
M54HC11 STMICROELECTRONICS-M54HC11_04 Datasheet
105Kb / 8P
RAD-HARD TRIPLE 3-INPUT AND GATE
Mar-2004
M54HC27 STMICROELECTRONICS-M54HC27_04 Datasheet
103Kb / 8P
RAD-HARD TRIPLE 3-INPUT NOR GATE
Apr-2004
M54HC32 STMICROELECTRONICS-M54HC32_04 Datasheet
103Kb / 7P
RAD-HARD QUAD 2-INPUT OR GATE
Apr-2004
M54HC86 STMICROELECTRONICS-M54HC86_04 Datasheet
181Kb / 9P
RAD HARD QUAD EXCLUSIVE OR GATE
01-Jun-2004
M54HC4072 STMICROELECTRONICS-M54HC4072_04 Datasheet
192Kb / 9P
RAD-HARD DUAL 4-INPUT OR GATE
14-May-2004
logo
Nexperia B.V. All right...
74HC4075-Q100 NEXPERIA-74HC4075-Q100 Datasheet
219Kb / 12P
Triple 3-input OR gate
logo
STMicroelectronics
LEOAC32 STMICROELECTRONICS-LEOAC32 Datasheet
505Kb / 17P
Rad-hard plastic quad two-input OR gate
31-Jan-2022
logo
Nexperia B.V. All right...
74HCT4075 NEXPERIA-74HCT4075 Datasheet
200Kb / 11P
Triple 3-input OR gate
Rev. 4 - 4 February 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com