Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M54HCT138 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M54HCT138
Description  RAD HARD 3 TO 8 LINE DECODER (INVERTING)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HCT138 Datasheet(HTML) 2 Page - STMicroelectronics

  M54HCT138 Datasheet HTML 1Page - STMicroelectronics M54HCT138 Datasheet HTML 2Page - STMicroelectronics M54HCT138 Datasheet HTML 3Page - STMicroelectronics M54HCT138 Datasheet HTML 4Page - STMicroelectronics M54HCT138 Datasheet HTML 5Page - STMicroelectronics M54HCT138 Datasheet HTML 6Page - STMicroelectronics M54HCT138 Datasheet HTML 7Page - STMicroelectronics M54HCT138 Datasheet HTML 8Page - STMicroelectronics M54HCT138 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
M54HCT138
2/10
Figure 1: IEC Logic Symbols
Figure 2: Input And Output Equivalent Circuit
Table 1: Pin Description
Table 2: Truth Table
X : Don’t Care
PIN N°
SYMBOL
NAME AND FUNCTION
1, 2, 3
A, B, C
Address Inputs
4, 5
G2A, G2B
Enable Inputs
6
G1
Enable Input
9, 10, 11, 12,
13, 14, 15,
7
Y0 to Y7
Data Outputs
8
GND
Ground (0V)
16
VCC
Positive Supply Voltage
INPUTS
OUTPUTS
ENABLE
SELECT
G2B
G2A
G1
CBA
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
X
X
L
X
X
X
HHHHHHHH
X
H
XXXX
HHHHHHHH
H
XXXXX
HHHHHHHH
L
L
H
L
L
L
L
HHHHHHH
L
L
H
L
L
H
H
L
HHHHHH
L
L
H
L
H
L
HH
L
HHHHH
L
L
H
L
HH
HHH
L
HHHH
L
L
HH
L
L
HHHH
L
HHH
L
L
HH
L
H
HHHHH
L
H
H
L
L
HHH
L
HHHHHH
L
H
L
L
HHHH
HHHHHHH
L



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com