Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STP30NE06LFP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP30NE06LFP
Description  N - CHANNEL 60V - 0.035 ohm - 30A - TO-220/TO-220FP STripFET POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP30NE06LFP Datasheet(HTML) 1 Page - STMicroelectronics

  STP30NE06LFP Datasheet HTML 1Page - STMicroelectronics STP30NE06LFP Datasheet HTML 2Page - STMicroelectronics STP30NE06LFP Datasheet HTML 3Page - STMicroelectronics STP30NE06LFP Datasheet HTML 4Page - STMicroelectronics STP30NE06LFP Datasheet HTML 5Page - STMicroelectronics STP30NE06LFP Datasheet HTML 6Page - STMicroelectronics STP30NE06LFP Datasheet HTML 7Page - STMicroelectronics STP30NE06LFP Datasheet HTML 8Page - STMicroelectronics STP30NE06LFP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
STP30NE06L
STP30NE06LFP
N - CHANNEL 60V - 0.035
Ω - 30A - TO-220/TO-220FP
STripFET
™ POWER MOSFET
s
TYPICAL RDS(on) = 0.035
Ω
s
100% AVALANCHE TESTED
s
LOW GATE CHARGE
s
APPLICATION ORIENTED
CHARACTERIZATION
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronics
unique
”Single
Feature
Size
™” strip-based process. The resulting transi-
stor shows extremely high packing density for low
on-resistance, rugged avalanche characteristics
and less critical alignment steps therefore a re-
markable manufacturing reproducibility.
APPLICATIONS
s
DC MOTOR CONTROL
s
DC-DC & DC-AC CONVERTERS
s
SYNCHRONOUS RECTIFICATION
®
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symb ol
Parameter
Value
Uni t
ST P30NE06L
STP30NE06L FP
VDS
Drain-source Voltage (VGS =0)
60
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)60
V
VGS
G ate-source Volt age
± 20
V
ID
Drain Current (continuous) at Tc =25
oC30
17
A
ID
Drain Current (continuous) at Tc = 100
oC21
12
A
IDM(
•)
Drain Current (pulsed)
120
68
A
Ptot
T otal Dissipation at Tc =25
oC80
30
W
Derating Factor
0.53
0.2
W/
oC
VISO
I nsulation W ithstand Voltage (DC)
2000
V
Tstg
Storage T emperature
-65 to 175
oC
Tj
Max. O perat ing Junct ion T emperature
175
oC
(
•) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STP30NE06L
STP30NE06LF P
60 V
60 V
<0.05
Ω
<0.05
Ω
30 A
17 A
March 1999
TO-220
TO-220FP
1
2
3
1
2
3
1/9


Similar Part No. - STP30NE06LFP

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STP30NE06LFP ISC-STP30NE06LFP Datasheet
318Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STP30NE06LFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16NE06 STMICROELECTRONICS-STP16NE06 Datasheet
337Kb / 9P
N - CHANNEL 60V - 0.08 ohm - 16A - TO-220/TO-220FP STripFET POWER MOSFET
Jun-1998
STP16NF06 STMICROELECTRONICS-STP16NF06 Datasheet
367Kb / 9P
N-CHANNEL 60V - 0.08 ohm - 16A TO-220/TO-220FP STripFET™ II POWER MOSFET
Apr-2002
STP16NF06L STMICROELECTRONICS-STP16NF06L Datasheet
337Kb / 9P
N-CHANNEL 60V - 0.07 ohm - 16A TO-220/TO-220FP STripFET™ II POWER MOSFET
Aug-2002
STP20NE06 STMICROELECTRONICS-STP20NE06 Datasheet
104Kb / 9P
N - CHANNEL 60V - 0.06 ohm - 20A TO-220/TO-220FP STripFET POWER MOSFET
Jun-1999
STP20NE06L STMICROELECTRONICS-STP20NE06L Datasheet
104Kb / 9P
N - CHANNEL 60V - 0.06 ohm - 20A TO-220/TO-220FP STripFET POWER MOSFET
Apr-1999
STP30NE03L STMICROELECTRONICS-STP30NE03L Datasheet
105Kb / 9P
N - CHANNEL 30V - 0.028 ohm - 30A TO-220/TO-220FP STripFET POWER MOSFET
Jun-1999
STP30NE06 STMICROELECTRONICS-STP30NE06 Datasheet
48Kb / 6P
N - CHANNEL 60V - 0.042 ohm - 30A - TO-220/TO-220FP STripFET POWER MOSFET
Jan-1999
STP60NE06L-16 STMICROELECTRONICS-STP60NE06L-16 Datasheet
106Kb / 9P
N - CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET POWER MOSFET
May-2000
STP36NF06 STMICROELECTRONICS-STP36NF06 Datasheet
310Kb / 9P
N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
Oct-2003
STP36NF06 STMICROELECTRONICS-STP36NF06_07 Datasheet
336Kb / 14P
N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
21-Feb-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com