Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M74HC175 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC175
Description  QUAD D-TYPE FLIP FLOP WITH CLEAR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC175 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC175_01 Datasheet HTML 1Page - STMicroelectronics M74HC175_01 Datasheet HTML 2Page - STMicroelectronics M74HC175_01 Datasheet HTML 3Page - STMicroelectronics M74HC175_01 Datasheet HTML 4Page - STMicroelectronics M74HC175_01 Datasheet HTML 5Page - STMicroelectronics M74HC175_01 Datasheet HTML 6Page - STMicroelectronics M74HC175_01 Datasheet HTML 7Page - STMicroelectronics M74HC175_01 Datasheet HTML 8Page - STMicroelectronics M74HC175_01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
July 2001
s
HIGH SPEED :
tPD = 16 ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 175
DESCRIPTION
The M74HC175 is an high speed CMOS HEX
D-TYPE FLIP FLOP WITH CLEAR fabricated with
silicon gate C2MOS technology.
These four flip-flops are controlled by a clock input
(CLOCK) and a clear input (CLEAR). The
information data applied to the D inputs (1D to 4D)
are transferred to the outputs (1Q to 4Q and 1Q to
4Q) on the positive-going edge of the clock pulse.
The reset function is accomplished when the
CLEAR input is low and all Q outputs are low
regardless of other input conditions.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC175
QUAD D-TYPE FLIP FLOP WITH CLEAR
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC175B1R
SOP
M74HC175M1R
M74HC175RM13TR
TSSOP
M74HC175TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC175_01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC175B1R STMICROELECTRONICS-M74HC175B1R Datasheet
248Kb / 11P
QUADD-TYPEFLIP-FLOPWITHCLEAR
October 1992
M74HC175C1R STMICROELECTRONICS-M74HC175C1R Datasheet
248Kb / 11P
QUADD-TYPEFLIP-FLOPWITHCLEAR
October 1992
M74HC175M1R STMICROELECTRONICS-M74HC175M1R Datasheet
248Kb / 11P
QUADD-TYPEFLIP-FLOPWITHCLEAR
October 1992
More results

Similar Description - M74HC175_01

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC175F TOSHIBA-TC74VHC175F Datasheet
257Kb / 7P
QUAD D-TYPE FLIP-FLOP WITH CLEAR
06-Aug-1997
logo
Fairchild Semiconductor
MM74HC175 FAIRCHILD-MM74HC175 Datasheet
76Kb / 7P
Quad D-Type Flip-Flop With Clear
logo
Toshiba Semiconductor
TC74HC175AP TOSHIBA-TC74HC175AP Datasheet
281Kb / 7P
QUAD D - TYPE FLIP FLOP WITH CLEAR
TC74HC175AP TOSHIBA-TC74HC175AP_07 Datasheet
316Kb / 10P
Quad D-Type Flip Flop with Clear
TC7MH175FK TOSHIBA-TC7MH175FK_07 Datasheet
192Kb / 7P
Quad D-Type Flip-Flop with Clear
TC74VHC175F TOSHIBA-TC74VHC175F_07 Datasheet
270Kb / 11P
Quad D-Type Flip Flop with Clear
TC74AC175F TOSHIBA-TC74AC175F_12 Datasheet
228Kb / 9P
Quad D-Type Flip Flop with Clear
TC74VHC175F TOSHIBA-TC74VHC175F_12 Datasheet
229Kb / 10P
Quad D-Type Flip Flop with Clear
logo
ON Semiconductor
MM74HC175 ONSEMI-MM74HC175 Datasheet
179Kb / 9P
Quad D-Type Flip-Flop With Clear
Revised February 1999
logo
Toshiba Semiconductor
TC74VHC175F TOSHIBA-TC74VHC175F_V01 Datasheet
336Kb / 7P
QUAD D-TYPE FLIP-FLOP WITH CLEAR
1997-01-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com