Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XC74WL241ASR Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC74WL241ASR
Description  CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC74WL241ASR Datasheet(HTML) 2 Page - Torex Semiconductor

  XC74WL241ASR Datasheet HTML 1Page - Torex Semiconductor XC74WL241ASR Datasheet HTML 2Page - Torex Semiconductor XC74WL241ASR Datasheet HTML 3Page - Torex Semiconductor XC74WL241ASR Datasheet HTML 4Page - Torex Semiconductor XC74WL241ASR Datasheet HTML 5Page - Torex Semiconductor XC74WL241ASR Datasheet HTML 6Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/6
XC74WL241ASR
PARAMETER
SYMBOL
CONDITIONS
UNITS
Supply Voltage
VCC
2~5.5
V
Input Voltage
VIN
0~5.5
V
Output Voltage
VOUT
0~VCC
V
Operating Temperature Range
Topr
-40~+85
℃
0~200(VCC=3.3V)
Input Rise and Fall Time
tr,tf
0~100(VCC=5V)
ns
Ta=25℃
Ta=-40℃~85℃
PARAMETER
SYMBOL
VCC(V)
CONDITIONS
MIN.
TYP.
MAX.
MIN.
MAX.
UNITS
2.0
1.50
-
-
1.50
-
3.0
2.10
-
-
2.10
-
VIH
5.5
3.85
-
-
3.85
-
V
2.0
-
-
0.50
-
0.50
3.0
-
-
0.90
-
0.90
Input Voltage
VIL
5.5
-
-
1.65
-
1.65
V
2.0
1.90
2.00
-
1.90
-
3.0
2.90
3.00
-
2.90
-
4.5
IOH=-50μA
4.40
4.50
-
4.40
-
3.0
IOH=-4mA
2.58
-
-
2.48
-
VOH
4.5
VIN=VIH
IOH=-8mA
3.94
-
-
3.80
-
V
2.0
-
-
0.10
-
0.10
3.0
-
-
0.10
-
0.10
4.5
IOL=50μA
-
-
0.10
-
0.10
3.0
IOL=4mA
-
-
0.36
-
0.44
Output Voltage
VOL
4.5
VIN=VIL
IOL=8mA
-
-
0.36
-
0.44
V
3 State Off-Leak Current
IOZ
5.0
VIN=VIL or VIH, VOUT=VCC or GND
-0.25
-
0.25
-2.50
2.50
μ
A
Input Current
IIN
0~5.5
VIN=VCC or GND
-0.10
-
0.10
-1.00
1.00
μ
A
Static Supply Current
ICC
5.5
VIN=VCC or GND
-
-
2.00
-
20.0
μ
A
■
RECOMMENDED OPERATING CONDITIONS
■
DC ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com