Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M87C257 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M87C257
Description  Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M87C257 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M87C257_06 Datasheet HTML 3Page - STMicroelectronics M87C257_06 Datasheet HTML 4Page - STMicroelectronics M87C257_06 Datasheet HTML 5Page - STMicroelectronics M87C257_06 Datasheet HTML 6Page - STMicroelectronics M87C257_06 Datasheet HTML 7Page - STMicroelectronics M87C257_06 Datasheet HTML 8Page - STMicroelectronics M87C257_06 Datasheet HTML 9Page - STMicroelectronics M87C257_06 Datasheet HTML 10Page - STMicroelectronics M87C257_06 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
M87C257
Device operation
7/22
2
Device operation
The modes of operation of the M87C257 are listed in the Operating Modes. A single power
supply is required in the read mode. All inputs are TTL levels except for VPP and 12V on A9
for Electronic Signature.
2.1
Read mode
The M87C257 has two control functions, both of which must be logically active in order to
obtain data at the outputs. Chip Enable (E) is the power control and should be used for
device selection. Output Enable (G) is the output control and should be used to gate data to
the output pins, independent of device selection. Assuming that the addresses are stable
(AS = VIH) or latched (AS = VIL), the address access time (tAVQV) is equal to the delay from
E to output (tELQV). Data is available at the output after delay of tGLQV from the falling edge
of G, assuming that E has been low and the addresses have been stable for at least tAVQV-
tGLQV.The M87C257 reduces the hardware interface in multiplexed address-data bus
systems. The processor multiplexed bus (AD0-AD7) may be tied to the M87C257's address
and data pins. No separate address latch is needed because the M87C257 latches all
address inputs when AS is low.
2.2
Standby mode
The M87C257 has a standby mode which reduces the active current from 30mA to 100µA
(Address Stable). The M87C257 is placed in the standby mode by applying a CMOS high
signal to the E input. When in the standby mode, the outputs are in a high impedance state,
independent of the G input.
2.3
Two Line Output Control
Because EPROMs are usually used in larger memory arrays, this product features a 2 line
control function which accommodates the use of multiple memory connection. The two line
control function allows:
●
the lowest possible memory power dissipation,
●
complete assurance that output bus contention will not occur.
For the most efficient use of these two control lines, E should be decoded and used as the
primary device selecting function, while G should be made a common connection to all
devices in the array and connected to the READ line from the system control bus. This
ensures that all deselected memory devices are in their low power standby mode and that
the output pins are only active when data is desired from a particular memory device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22