Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM6675AS Datasheet(PDF) 9 Page - STMicroelectronics

Part # PM6675AS
Description  High efficiency step-down controller with embedded 2 A LDO regulator
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6675AS Datasheet(HTML) 9 Page - STMicroelectronics

Back Button PM6675AS Datasheet HTML 5Page - STMicroelectronics PM6675AS Datasheet HTML 6Page - STMicroelectronics PM6675AS Datasheet HTML 7Page - STMicroelectronics PM6675AS Datasheet HTML 8Page - STMicroelectronics PM6675AS Datasheet HTML 9Page - STMicroelectronics PM6675AS Datasheet HTML 10Page - STMicroelectronics PM6675AS Datasheet HTML 11Page - STMicroelectronics PM6675AS Datasheet HTML 12Page - STMicroelectronics PM6675AS Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
PM6675AS
Electrical characteristics
9/48
4
Electrical characteristics
Table 6.
Electrical characteristics
TA = - 25 °C to 85 °C , VCC = AVCC = +5 V, LIN = 1.5 V and LOUT= 0.6 V if not otherwise
specified (1).
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Supply section
IIN
Operating current
(Switching + LDO)
SWEN, LEN, VSEL and NOSKIP
connected to AVCC,
No load on LOUT output.
2
mA
ISW
Operating current (switching)
SWEN, VSEL and NOSKIP
connected to AVCC, LEN coneected
to SGND.
1
ISHDN
Shutdown operating current
SWEN and LEN tied to SGND.
10
µA
UVLO
AVCC Under Voltage Lockout
upper threshold
4.1
4.25
4.4
V
AVCC Under Voltage Lockout
lower threshold
3.85
4.0
4.1
UVLO hysteresis
70
mV
On-time (SMPS)
tON
On-time duration
VSEL low,
NOSKIP low,
VVSNS = 2 V
VOSC = 300 mV
530
630
730
ns
VOSC = 500 mV
320
380
440
OFF-TIME (SMPS)
tOFFMIN
Minimum Off-Time
300
350
ns
Voltage reference
Voltage accuracy
4.5 V< VIN < 36 V
1.224
1.237
1.249
V
Load regulation
-50 µA < IVREF < 50 µA
-4
4
mV
Undervoltage Lockout
Fault Threshold
800
SMPS output
VOUT
SMPS fixed output voltage
VSEL connected to AVCC, NOSKIP
tied to SGND, No Load
1.5
V
Feedback output voltage
accuracy
-1.5
1.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com