Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PM6685TR Datasheet(PDF) 15 Page - STMicroelectronics

Part # PM6685TR
Description  Dual step-down main supply controller with auxilary voltages for notebook system power
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6685TR Datasheet(HTML) 15 Page - STMicroelectronics

Back Button PM6685TR Datasheet HTML 11Page - STMicroelectronics PM6685TR Datasheet HTML 12Page - STMicroelectronics PM6685TR Datasheet HTML 13Page - STMicroelectronics PM6685TR Datasheet HTML 14Page - STMicroelectronics PM6685TR Datasheet HTML 15Page - STMicroelectronics PM6685TR Datasheet HTML 16Page - STMicroelectronics PM6685TR Datasheet HTML 17Page - STMicroelectronics PM6685TR Datasheet HTML 18Page - STMicroelectronics PM6685TR Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
PM6685
Typical operating characteristics
15/52
Figure 7.
Standby mode input battery
current vs input voltage
Figure 8.
Shutdown mode input device
current vs input voltage
Figure 9.
5V switching frequency vs
load current
Figure 10. 3.3V switching frequency vs
load current
Figure 11. LDO5 vs output voltage
Figure 12. LDO3 vs output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com