Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRI4K Datasheet(PDF) 34 Page - STMicroelectronics

Part # SRI4K
Description  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRI4K Datasheet(HTML) 34 Page - STMicroelectronics

Back Button SRI4K Datasheet HTML 30Page - STMicroelectronics SRI4K Datasheet HTML 31Page - STMicroelectronics SRI4K Datasheet HTML 32Page - STMicroelectronics SRI4K Datasheet HTML 33Page - STMicroelectronics SRI4K Datasheet HTML 34Page - STMicroelectronics SRI4K Datasheet HTML 35Page - STMicroelectronics SRI4K Datasheet HTML 36Page - STMicroelectronics SRI4K Datasheet HTML 37Page - STMicroelectronics SRI4K Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
SRI4K commands
SRI4K
34/45
8.8
Write_block (Addr, Data) command
Command code = 09h
On receiving the Write_block command, the SRI4K writes the 4 bytes contained in the
command to the addressed block, provided that the block is available and not write-
protected. Data bytes are transmitted with the least significant byte first, and each byte is
transmitted with the least significant bit first.
The address byte gives access to the 128 blocks of the SRI4K (addresses 0 to 127).
Write_block commands issued with a block address above 127 will not be interpreted and
the SRI4K will not return any response, except for the System area located at address 255.
The result of the Write_block command is submitted to the addressed block. See the
following Figures for a complete description of the Write_block command:
●
Figure 12: Resettable OTP area (addresses 0 to 4).
●
Figure 15: Binary counter (addresses 5 to 6).
●
Figure 17: EEPROM (addresses 7 to 127).
The Write_block command does not give rise to a response from the SRI4K. The reader
must check after the programming time, tW, that the data was correctly programmed. The
SRI4K must have received a Select() command and be switched to Selected state before
any Write_block command can be accepted. All Write_block commands sent to the SRI4K
before a Select() command is issued, are ignored.
Figure 44.
Write_block request format
●
Request parameters:
●
Address: block addresses from 0 to 127, or 255
●
Data 1: Less significant data byte
●
Data 2: Data byte
●
Data 3: Data byte
●
Data 4: Most significant data byte.
Figure 45.
Write_block response format
SOF
Data 1
CRCL
CRCH
EOF
AI07687b
8 bits
Data 2
Data 3
Data 4
8 bIts
8 bIts
8 bIts
8 bIts
8 bIts
Write_block
Address
09h
8 bIts
AI07680b
No response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com