Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SRIX4K Datasheet(PDF) 29 Page - STMicroelectronics

Part # SRIX4K
Description  13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SRIX4K Datasheet(HTML) 29 Page - STMicroelectronics

Back Button SRIX4K_08 Datasheet HTML 25Page - STMicroelectronics SRIX4K_08 Datasheet HTML 26Page - STMicroelectronics SRIX4K_08 Datasheet HTML 27Page - STMicroelectronics SRIX4K_08 Datasheet HTML 28Page - STMicroelectronics SRIX4K_08 Datasheet HTML 29Page - STMicroelectronics SRIX4K_08 Datasheet HTML 30Page - STMicroelectronics SRIX4K_08 Datasheet HTML 31Page - STMicroelectronics SRIX4K_08 Datasheet HTML 32Page - STMicroelectronics SRIX4K_08 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
SRIX4K
SRIX4K commands
29/47
9.1
Initiate() command
Command code = 06h - 00h
Initiate() is used to initiate the anticollision sequence of the SRIX4K. On receiving the
Initiate() command, all SRIX4K devices in Ready state switch to Inventory state, set a new
8-bit Chip_ID random value, and return their Chip_ID value. This command is useful when
only one SRIX4K in Ready state is present in the reader field range. It speeds up the
Chip_ID search process. The Chip_slot_number is not used during Initiate() command
access.
Figure 24.
Initiate request format
Request parameter:
●
No parameter
Figure 25.
Initiate response format
Response parameter:
●
Chip_ID of the SRIX4K
Figure 26.
Initiate frame exchange between reader and SRIX4K
SOF
Initiate
CRCL
CRCH
EOF
AI07670b
06h
00h
8 bits
8 bits
SOF
Chip_ID
CRCL
CRCH
EOF
AI07671
8 bits
8 bits
8 bits
AI07672b
Reader
SRIX4K
SOF
Chip_ID
CRCL CRCH EOF
<-t0-><-t1->
SOF
06h
CRCL
CRCH EOF
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com