Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ORSPI4 Datasheet(PDF) 90 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 90 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 86Page - Lattice Semiconductor ORSPI4 Datasheet HTML 87Page - Lattice Semiconductor ORSPI4 Datasheet HTML 88Page - Lattice Semiconductor ORSPI4 Datasheet HTML 89Page - Lattice Semiconductor ORSPI4 Datasheet HTML 90Page - Lattice Semiconductor ORSPI4 Datasheet HTML 91Page - Lattice Semiconductor ORSPI4 Datasheet HTML 92Page - Lattice Semiconductor ORSPI4 Datasheet HTML 93Page - Lattice Semiconductor ORSPI4 Datasheet HTML 94Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
90
Figure 35. Read Timing with ERR Signal Asserted - 32-Bit Mode
In the 64-bit data aggregation mode, DPRAMs 0 and 1 are used as a single memory. Similarly, DPRAMs 2 and 3
are combined into a single memory. The timing diagrams for the 64-bit aggregation mode are shown in Figure 36,
Figure 37 and Figure 38. As shown in the timing diagrams, read data is always presented to the user in 2 clock
cycles of 64-bit data each (plus one additional clock cycle for port ID). The exception is during an EOP. If EOP
occurs during the first of the two-word data burst, the core terminates the burst and starts to present the next set of
data. As shown in Figure 36, there is a two-clock cycle latency between the time read enable is asserted by the
user and the time data is read from a virtual FIFO. In clock cycle T1, the read enable signal SPIA_RX64_RD_j is
asserted along with the virtual FIFO (or buffer) address SPIA_RX64_ADDR_j. In clock cycle T3, port ID is pre-
sented followed by two data words in clock cycles T4 and T5. The port ID is always present on the least significant
byte. This is indicated by the byte enable bits set to “00000001”. As shown in Figure 36, FIFO address is changed
to ‘p’ during the last two-word burst from address ‘n’. This is done to absorb the two-clock cycle latency between
read address and data.
As shown in Figure 37, when the ASTOP_ON_EOPj is asserted, two idle clock cycles are inserted after an EOP
occurs. During these idle cycles, the byte enable bits are set to all ‘0’s indicating that the read data is not valid. After
SPIA_RX32_
CLK_j
….
….
12
3
4
5
6
SPIA_RX32_RD_j
n
SPIA_RX32_FIFO_
EMPTY_j
SPIA_RX32_DATA_j[31:0]
na
nb
nc
2 cycles after read enable
Port ID
SPIA_RX32_CTL_j
SPIA_RX32_SOP_j
SPIA_RX32_EOP_j
na = word 0 from pointer location in FIFO address n
nb = word 1
nc = word 2
nd = word 3
FIFO size = 16 locations.
J = 0 - 3
SPIA_RX32_ADDR_j
ASTOP_ON_EOPj
SPIA_RX32_BE_j[3:0]
hf
hf
hf
hf
h8
hf
hf
hf
h1
SPIA_RX32_ERR_j
nd
na
nb
nc
nd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com